Electronic Components Datasheet Search
  English  ▼

X  

LT7 Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # LT7
Description  LT7 Long-Range Time-of-Flight Laser Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LT7 Datasheet(HTML) 1 Page - Banner Engineering Corp.

  LT7 Datasheet HTML 1Page - Banner Engineering Corp. LT7 Datasheet HTML 2Page - Banner Engineering Corp. LT7 Datasheet HTML 3Page - Banner Engineering Corp. LT7 Datasheet HTML 4Page - Banner Engineering Corp. LT7 Datasheet HTML 5Page - Banner Engineering Corp. LT7 Datasheet HTML 6Page - Banner Engineering Corp. LT7 Datasheet HTML 7Page - Banner Engineering Corp. LT7 Datasheet HTML 8Page - Banner Engineering Corp. LT7 Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Datasheet
Self-contained Retroreflective- and Diffuse-mode Laser Distance Sensors
• Diffuse model with extremely long distance ranges:
◦ Up to 3 meters with black target
◦
Up to 7 meters with gray target
◦
Up to 10 meters with white target
• Retroreflective model range: up to 250 meters
• Visible pilot laser for easy alignment
• Multiple outputs in each model: discrete outputs can be used for precision
background suppression; and alarm outputs together with display provide easy
troubleshooting
◦
Diffuse models: Two discrete (PNP) plus 2 alarm outputs, and 4-20 mA
analog
◦
Retroreflective models: Two discrete (PNP) plus 2 alarm outputs
• Fast, easy-to-use TEACH-mode programming via integrated push-buttons or serial
interface (no potentiometer adjustments)
• Ongoing LCD display of sensing distance selectable in millimeters or one-
hundredths of one inch
• RS422- or SSI-compatible serial connection options
WARNING: Not To Be Used for Personnel Protection
Never use this device as a sensing device for personnel protection. Doing so could lead to serious injury or
death. This device does not include the self-checking redundant circuitry necessary to allow its use in personnel
safety applications. A sensor failure or malfunction can cause either an energized or de-energized sensor output
condition.
Models
Models
Sensing Mode
Laser Class
Cable1
Sensing Range2
Discrete
Outputs
Analog Output
LT7PIDQ
Diffuse
Class 2 pilot laser;
Class 1 sensing laser
Integral 12-pin M16
QD connector
0.5 m to 10 m (20 in to 33 ft)
2 PNP plus 2
Alarm
4 mA to 20 mA
LT7PLVQ
Retroreflective
0.5 m to 250 m (20 in to 820 ft)
N/A
Overview
Status
Indicator
LEDs
2-Line
Digital
Display
Programming
Buttons
The sensor has an LCD display and 3 push buttons, which control all programming
functions. Serial interface programming can also be accomplished via SSI or RS422.
Four status indicator LEDs on the sensor front/top provide ongoing status of power and
outputs.
The sensor has a 2-line LCD display and four LED indicators for ongoing indication of
sensing status: Power ON, Alarm, and Outputs 1 and 2.
In Run mode, the current measured value is displayed in the top line of the sensor's
display, in millimeters or hundredths of an inch, as selected.
1 Requires a mating cable.
2 Diffuse-mode range specified using a 90% reflective white card. Retroreflective-mode range specified using the specified retroreflective target.
L-GAGE® LT7 Long-Range Time-of-Flight Laser Sensor
Original Document
120244 Rev. C
16 February 2017
120244


Similar Part No. - LT7

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LT700D SEOUL-LT700D Datasheet
412Kb / 12P
Lamp LEDs
LT700Z SEOUL-LT700Z Datasheet
390Kb / 12P
GREEN OVAL LAMP LED
LT701 SEOUL-LT701 Datasheet
376Kb / 14P
INFRARED LAMP LED
LT701 SEOUL-LT701 Datasheet
360Kb / 13P
CYAN LAMP LED
LT701 SEOUL-LT701 Datasheet
392Kb / 14P
RED OVAL LAMP LED
More results

Similar Description - LT7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPT8320 TI1-OPT8320 Datasheet
1Mb / 88P
OPT8320 3D Time-of-Flight Sensor
OPT8241 TI1-OPT8241 Datasheet
1Mb / 34P
3D Time-of-Flight Sensor
logo
Espros Photonics corp
EPC600 EPC-EPC600 Datasheet
650Kb / 30P
Time-of-flight range-finder chip
logo
Texas Instruments
OPT8241 TI1-OPT8241_17 Datasheet
1Mb / 34P
3D Time-of-Flight Sensor
logo
Melexis Microelectronic...
MLX75023 MELEXIS-MLX75023 Datasheet
1Mb / 27P
Time-of-Flight Sensor Array
logo
Banner Engineering Corp...
LT3BD BANNER-LT3BD Datasheet
396Kb / 9P
LT3BD Long-Range Time-of-Flight Laser Sensor
logo
ams AG
TMF8801 AMSCO-TMF8801 Datasheet
218Kb / 2P
Time-of-Flight Sensor
2019-July-22
logo
STMicroelectronics
VL53L4CX STMICROELECTRONICS-VL53L4CX Datasheet
2Mb / 38P
Time-of-Flight sensor with extended range measurement
June 2022 Rev 3
logo
Banner Engineering Corp...
LTF12IC2LDQ BANNER-LTF12IC2LDQ Datasheet
3Mb / 47P
L-GAGE® LTF Time of Flight Laser Distance Sensor
19 February 2020
logo
ams AG
TMF8701 AMSCO-TMF8701 Datasheet
1Mb / 66P
Time-of-Flight Sensor
v2-00 2023-Feb-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com