Electronic Components Datasheet Search
  English  ▼

X  

LT7 Datasheet(PDF) 13 Page - Banner Engineering Corp.

Part # LT7
Description  LT7 Long-Range Time-of-Flight Laser Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LT7 Datasheet(HTML) 13 Page - Banner Engineering Corp.

Back Button LT7 Datasheet HTML 9Page - Banner Engineering Corp. LT7 Datasheet HTML 10Page - Banner Engineering Corp. LT7 Datasheet HTML 11Page - Banner Engineering Corp. LT7 Datasheet HTML 12Page - Banner Engineering Corp. LT7 Datasheet HTML 13Page - Banner Engineering Corp. LT7 Datasheet HTML 14Page - Banner Engineering Corp. LT7 Datasheet HTML 15Page - Banner Engineering Corp. LT7 Datasheet HTML 16Page - Banner Engineering Corp. LT7 Datasheet HTML 17Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Serial Response Speed
The sensor recalculates the distance measurement every 12 ms. This is not a moving average. A new average is calculated for the
previous 12 ms of data.
With the SSI output, the data can be read every 1.4 ms (possibly the same reading for 8 or 9 readings, followed by a change). For the
most accurate prediction of the target location, take a sample at the 1.4 ms read-rate of the SSI and determine when the change
happens. In the worst case, the data is for the average target location and over the previous 12 ms, plus a 1.4 ms delay. For example,
the 12 ms average was changed just after the previous read had started.
RS422 Protocol
RS422 serial interface commands have this structure: <STX><Command><[Data]><EOT>. The sensor responds to the commands in three
different ways:
• <NAK>—The command was not recognized or the data is outside the limit values.
• <ACK>—The command was recognized and executed. The command requires no response data.
• <Data>—The command was recognized. The requested data was sent.
Definitions
STX
Start transmission (hex 02 or CTRL B)
EOT
End of text (hex 04 or CTRL D)
NAK
No acknowledgement (hex 15 or CTRL U)
ACK
Acknowledge (hex 06 or CTRL F)
Command
3-digit command (ASCII text)
[Data]
Whole numbers (ASCII text)
Note: In ASCII text (Command + [Data]), spaces and uppercase/lowercase letters are ignored.
RS422 Cable
The RS422 interface is a reliable, serial interface in full duplex mode with transfer rates up to 10 MBaud. The maximum cable length is
1,000 m (4,000 ft). The shielded cable is connected to the sensor connector and the ground terminal of the control cabinet.
RS422 User Commands and Their Meanings
Command
Data to LT7
Data from LT7
Meaning
GAP
All parameters in text format: LT7 $Revision x.xx$
Get All Parameters (all sensor parameters are displayed): sensor software
revision (number)
Pilot Laser Status
Pilot laser status (ON/OFF/xx seconds ON)
Serial settings
Serial settings
Discrete Output Q1 settings Discrete Output Q2
settings
•
Discrete output condition:
◦
ON: output high
◦
OFF: output low
•
Output mode
•
Limit 1 setting
•
Limit 2 setting
•
Hysteresis
•
Invert status ON/OFF
Analog Output QA settings
Analog output condition (diffuse sensors only):
•
Value 0 to 4095
•
Limit 1 setting
•
Limit 2 setting
•
Invert status ON/OFF
Output status
Output unit of measure: mm or one- hundredth of one inch (10 MIL)
Offset status
Offset setting (mm or one-hundredth of one inch)
Password setting
Password: enabled or disabled
Error status
Error status
L-GAGE® LT7 Long-Range Time-of-Flight Laser Sensor
P/N 120244 Rev. C
www.bannerengineering.com - Tel: +1-763-544-3164
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com