Electronic Components Datasheet Search
  English  ▼

X  

LT7 Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # LT7
Description  LT7 Long-Range Time-of-Flight Laser Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LT7 Datasheet(HTML) 2 Page - Banner Engineering Corp.

  LT7 Datasheet HTML 1Page - Banner Engineering Corp. LT7 Datasheet HTML 2Page - Banner Engineering Corp. LT7 Datasheet HTML 3Page - Banner Engineering Corp. LT7 Datasheet HTML 4Page - Banner Engineering Corp. LT7 Datasheet HTML 5Page - Banner Engineering Corp. LT7 Datasheet HTML 6Page - Banner Engineering Corp. LT7 Datasheet HTML 7Page - Banner Engineering Corp. LT7 Datasheet HTML 8Page - Banner Engineering Corp. LT7 Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Push Button
Functions
Enter
•
Run mode: Switch from Run mode to Programming mode
•
Programming mode: Select function and move down one menu level
•
Programming mode: Record value and move up one menu level
•
Manual Adjust: Move the cursor one position to the left or end the entry when the cursor is at the far left
Left Arrow
•
Run mode: Press to light display
•
Programming mode: Scroll to the next menu position to the left
•
Manual Adjust: Decrease current digit by 1
•
QuickSet menu: Enable TEACH-In of Q1
Right Arrow
•
Run mode: Press to light display
•
Programming mode: Scroll to the next menu position to the right
•
Manual Adjust: Increase current digit by 1
•
QuickSet menu: Enable TEACH-In of Q2
ESC
Left Arrow and Right
Arrow simultaneously
•
Escape: Cancel active function and move up one menu level without saving the new values. Press both arrows simultaneously. The
previous value remains unchanged.
Sensing Beam
The sensor uses an infrared Class 1 laser for sensing and a visible, red Class 2 laser (pilot laser) for alignment. Both lasers are aimed at
the identical target spot. The laser beams are collimated to focus on a compact spot, even at long sensing distances.
Diffuse
Retroreflective
10 m
50 m
100 m
250 m
10 m
6 m
4 m
3 x 10 mm
4 x 12 mm
10 x 20 mm
10 x 5 mm
10 x 5 mm
Ø 20 mm
Ø 100 mm
Ø 200 mm
Ø 500 mm
Figure 1. Light Spot Dimensions
Password
The Password function provides a measure of security for the sensor settings. If Password is set to ON, the password must be entered
before the sensor is programmed. The password is 1234 and cannot be changed. Security is based on the requirement to know the
password entry procedure and the timeout function. If the password is not entered within approximately 10 seconds, the sensor returns
to Run mode. Measuring continues in the background while the password is entered.
Measurement Selection
Select measurement in millimeters or one-hundredths of an inch. Measurements are displayed without decimal points as shown in the
Run mode display. When measuring in inches, the decimal point is two places from the right.
L-GAGE® LT7 Long-Range Time-of-Flight Laser Sensor
2
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 120244 Rev. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com