Electronic Components Datasheet Search
  English  ▼

X  

LT7 Datasheet(PDF) 14 Page - Banner Engineering Corp.

Part # LT7
Description  LT7 Long-Range Time-of-Flight Laser Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LT7 Datasheet(HTML) 14 Page - Banner Engineering Corp.

Back Button LT7 Datasheet HTML 10Page - Banner Engineering Corp. LT7 Datasheet HTML 11Page - Banner Engineering Corp. LT7 Datasheet HTML 12Page - Banner Engineering Corp. LT7 Datasheet HTML 13Page - Banner Engineering Corp. LT7 Datasheet HTML 14Page - Banner Engineering Corp. LT7 Datasheet HTML 15Page - Banner Engineering Corp. LT7 Datasheet HTML 16Page - Banner Engineering Corp. LT7 Datasheet HTML 17Page - Banner Engineering Corp. LT7 Datasheet HTML 18Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Command
Data to LT7
Data from LT7
Meaning
ECM
ACK
Execute Continuous Measurement
Set and triggered by the next request for measured values
GDB
Energy value 0 dB to -120 dB
Gain Level
Indicates the amount of received energy
GNR
xxxxxxxxxx
Get Serial Number
Emitted as ASCII text (maximum 24 characters)
GSI
Bit 7: transmitter faulty
Bit 6: receiver blinded or faulty
Bit 5: temperature warning T < -10 °C or T > +70 °C
Bit 4: target out of range or transmitter faulty
Bit 3: temperature error T > +85 °C
Bit 2: supply voltage too low
Bit 1: PLL unlocked
Bit 0: not used
Get Error Status
0: no error
1: error
GTE
±xxx
Get Temperature
Internal temperature in °C
GVE
LT7 $Revision x.xx$
Get Version
Software version is displayed
GCM
All available commands
Help Command/Get Commands
All available commands are displayed in text format
ICM
0,1
ACK
Input Continuous Measurement Mode
0: continuous measurement output
1: output of single measurement values
IDO
Input desired
value
ACK
Input Offset Setting (All Outputs)
Up to 12000 mm (plus or minus) or 48000 in (plus or minus)4
IVL
0,1
ACK
Enable Visible Laser
0: pilot laser OFF
1: pilot laser ON
ISB
0,1
ACK
Input Stand-by
0: operation
1: stand-by
ESM
<meas. value>
Trigger/Execute Single Measurement
Request for measured value with single measurement output
EPW
ACK
Write Parameter Page/Execute Parameter Write
Parameters are stored
Discrete Output Q1 Commands and Their Meaning
Command
Data to LT7
Data from LT7
Meaning *
IH1
000.. 254
or
000.. 999
ACK
Set Discrete Q1 Hysteresis
0 mm to 254 mm
or
0 in to 9.99 in
IL1
Input desired limit value (not
including Offset)
ACK
Input Discrete Q1 Limit 1
0 mm to 12000 mm or 0 in to 480.00 in
Selected Offset value is applied to this limit
IL4
Input desired limit value (not
including Offset)
ACK
Input Discrete Q1 Limit 2
0 mm to 12000 mm or 0 in to 480.00 in
Selected Offset value is applied to this limit
4 Do not insert a period or comma. For example 12,000 mm is 12000 mm; 480.00 in is 48000.
L-GAGE® LT7 Long-Range Time-of-Flight Laser Sensor
14
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 120244 Rev. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com