Electronic Components Datasheet Search
  English  ▼

X  

LT7 Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # LT7
Description  LT7 Long-Range Time-of-Flight Laser Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LT7 Datasheet(HTML) 3 Page - Banner Engineering Corp.

  LT7 Datasheet HTML 1Page - Banner Engineering Corp. LT7 Datasheet HTML 2Page - Banner Engineering Corp. LT7 Datasheet HTML 3Page - Banner Engineering Corp. LT7 Datasheet HTML 4Page - Banner Engineering Corp. LT7 Datasheet HTML 5Page - Banner Engineering Corp. LT7 Datasheet HTML 6Page - Banner Engineering Corp. LT7 Datasheet HTML 7Page - Banner Engineering Corp. LT7 Datasheet HTML 8Page - Banner Engineering Corp. LT7 Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
DIST mm
1475
DIST in
32512
The sensor measures 1475 mm
distance to target.
The sensor measures 325.12 inches
distance to target.
Figure 2. Run Mode Display
Offset Value
An offset value can be entered or taught. It increases or decreases the measured value to compensate for a mounting position that does
not correspond with the zero-point of the sensor. For example, 3000 mm actual distance minus 1200 mm offset equals 1800 mm
adjusted output value.
The offset value can be up to 100,000 mm or the corresponding value in inches. The plus and minus symbols are selectable. The offset
value applies to all outputs. It reverts to 0 when the Factory Preset function is used.
Factory-Preset Conditions
The sensor reverts to the following factory-preset conditions:
TEACH-In:
Q1 and Q2 (discrete) — single switchpoint (full sensing range), ± 5 mm hysteresis
QA (analog) — Mode 1, rising (positive slope, full sensing range)
Offset — 0
Unit — mm
Serial – RS422
Password – OFF
Hysteresis: Manually adjustable in ± 1 mm steps,
symmetrically around the switching point.
(If upper limit is reached, limit value of
measurement range becomes the upper limit.)
Single-point switching
Two-point switching
Two main TEACH methods:
• Individually teach A1 and A2 limits via manual input.
• Copy Discrete Output limits to Analog.
NOTE: Analog A1 and A2 must be at least 300 mm apart.
Discrete Outputs (Q1 and Q2) –
Normally Closed
Normally Open
Normally Closed
Normally Open
Mode 1 – Positive Slope
Mode 2 – Negative Slope
A1
A1
A2
A2
Analog Output (model LT7PIDQ only) –
Figure 3. TEACH mode options for each output
Multiple Outputs
The sensing distance is entered manually or it can be taught with QuickSet and TEACH-In. Either one or two sensing conditions may be
taught for each output.
L-GAGE® LT7 Long-Range Time-of-Flight Laser Sensor
P/N 120244 Rev. C
www.bannerengineering.com - Tel: +1-763-544-3164
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com