Electronic Components Datasheet Search
  English  ▼

X  

865G Datasheet(PDF) 76 Page - Intel Corporation

Part # 865G
Description  Intel 865G/865GV Graphics and Memory Controller Hub
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

865G Datasheet(HTML) 76 Page - Intel Corporation

Back Button 865G Datasheet HTML 72Page - Intel Corporation 865G Datasheet HTML 73Page - Intel Corporation 865G Datasheet HTML 74Page - Intel Corporation 865G Datasheet HTML 75Page - Intel Corporation 865G Datasheet HTML 76Page - Intel Corporation 865G Datasheet HTML 77Page - Intel Corporation 865G Datasheet HTML 78Page - Intel Corporation 865G Datasheet HTML 79Page - Intel Corporation 865G Datasheet HTML 80Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 249 page
background image
Intel® 82865G/82865GV GMCH Datasheet
77
Register Description
3.5.25
AGPCTRL—AGP Control Register (Device 0)
Address Offset:
B0–B3h
Default Value:
00000000h
Access:
RO, R/W
Size:
32 bits
This register provides for additional control of the AGP interface.
Bit
Descriptions
31:8
Reserved.
7
GTLB Enable (GTLBEN)— R/W.
0 = Disable (default). The GTLB is flushed by clearing the valid bits associated with each entry. In
this mode of operation:
— All accesses that require translation bypass the GTLB
— All requests that are positively decoded to the graphics aperture force the GMCH to access
the translation table in main memory before completing the request
— Valid translation table entry fetches will not be cached in the GTLB
— Invalid translation table entry fetches will still be cached in the GTLB (ejecting the least
recently used entry).
1 = Enable. Normal operations of the Graphics Translation Lookaside Buffer are enabled.
NOTE: This bit can be changed dynamically (i.e., while an access to GTLB occurs); however, the
completion of the configuration write that asserts or deasserts this bit will be delayed
pending a complete flush of all dirty entries from the write buffer. This delay will be
incurred because this bit is used as a mechanism to signal the chipset that the graphics
aperture translation table is about to be modified or has completed modifications. In the
first case, all dirty entries need to be flushed before the translation table is changed. In the
second case, all dirty entries need to be flushed because one of them is likely to be a
translation table entry which must be made visible to the GTLB by flushing it to memory.
6:1
Reserved.
0
4X Override (OVER4X)—R/W. This back-door register bit allows the BIOS to force 1X mode for
AGP 2.0 and 4X mode for AGP 3.0. Note that this bit must be set by the BIOS before AGP
configuration.
0 = No override
1 = The RATE[2:0] bit in the AGPSTS register will be read as a 001.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com