Electronic Components Datasheet Search
  English  ▼

X  

865G Datasheet(PDF) 30 Page - Intel Corporation

Part # 865G
Description  Intel 865G/865GV Graphics and Memory Controller Hub
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

865G Datasheet(HTML) 30 Page - Intel Corporation

Back Button 865G Datasheet HTML 26Page - Intel Corporation 865G Datasheet HTML 27Page - Intel Corporation 865G Datasheet HTML 28Page - Intel Corporation 865G Datasheet HTML 29Page - Intel Corporation 865G Datasheet HTML 30Page - Intel Corporation 865G Datasheet HTML 31Page - Intel Corporation 865G Datasheet HTML 32Page - Intel Corporation 865G Datasheet HTML 33Page - Intel Corporation 865G Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 249 page
background image
Intel® 82865G/82865GV GMCH Datasheet
31
Signal Description
2.2.2
DDR SDRAM Channel B
The following DDR signals are for DDR channel B.
Signal Name
Type
Description
SCMDCLK_B[5:0]
O
SSTL_2
Differential DDR Clock: SCMDCLK_Bx and SCMDCLK_Bx# are
differential clock output pairs. The crossing of the positive edge of
SCMDCLK_Bx and the negative edge of SCMDCLK_Bx# is used to
sample the address and control signals on the SDRAM. There are three
pairs to each DIMM.
SCMDCLK_B[5:0]#
O
SSTL_2
Complementary Differential DDR Clock: These are the
complementary Differential DDR Clock signals.
SCS_B[3:0]#
O
SSTL_2
Chip Select: These signals select particular SDRAM components during
the active state. There is one SCS_Bx# for each SDRAM row, toggled on
the positive edge of SCMDCLK_Bx.
SMAA_B[12:0]
O
SSTL_2
Memory Address: These signals are used to provide the multiplexed
row and column address to the SDRAM.
SMAB_B[5:1]
O
SSTL_2
Memory Address Copies: These signals are identical to SMAA_B[5:1]
and are used to reduce loading for Selective CPC (clock-per-command).
SBA_B[1:0]
O
SSTL_2
Bank Select (Bank Address): These signals define which banks are
selected within each SDRAM row. Bank select and memory address
signals combine to address every possible location within an SDRAM
device.
SRAS_B#
O
SSTL_2
Row Address Strobe: SRAS_B# is used with SCAS_B# and SWE_B#
(along with SCS_B#) to define the SDRAM commands.
SCAS_B#
O
SSTL_2
Column Address Strobe: SCAS_B# is used with SRAS_B# and
SWE_B# (along with SCS_B#) to define the SDRAM commands.
SWE_B#
O
SSTL_2
Write Enable: SWE_B# is used with SCAS_B# and SRAS_B# (along
with SCS_B#) to define the SDRAM commands.
SDQ_B[63:0]
I/O
SSTL_2
Data Lines: SDQ_B signals interface to the SDRAM data bus.
SDM_B[7:0]
O
SSTL_2
Data Mask: When activated during writes, the corresponding data
groups in the SDRAM are masked. There is one SDM_Bx for every eight
data lines. SDM_Bx can be sampled on both edges of the data strobes.
SDQS_B[7:0]
I/O
SSTL_2
Data Strobes: Data strobes are used for capturing data. During writes,
SDQS_Bx is centered in data. During reads, SDQS_Bx is edge aligned
with data. The following list matches the data strobe with the data bytes.
Data Strobe
Data Byte
SDQS_B7
SDQ_B[63:56]
SDQS_B6
SDQ_B[55:48]
SDQS_B5
SDQ_B[47:40]
SDQS_B4
SDQ_B[39:32]
SDQS_B3
SDQ_B[31:24]
SDQS_B2
SDQ_B[23:16]
SDQS_B1
SDQ_B[15:8]
SDQS_B0
SDQ_B[7:0]
SCKE_B[3:0]
O
SSTL_2
Clock Enable: SCKE_B[3:0] are used to initialize DDR SDRAM during
power-up and to place all SDRAM rows into and out of self-refresh
during Suspend-to-RAM. SCKE_B[3:0] are also used to dynamically
power down inactive SDRAM rows. There is one SCKE_Bx per SDRAM
row, toggled on the positive edge of SCMDCLK_Bx.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com