Electronic Components Datasheet Search
  English  ▼

X  

865G Datasheet(PDF) 23 Page - Intel Corporation

Part # 865G
Description  Intel 865G/865GV Graphics and Memory Controller Hub
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

865G Datasheet(HTML) 23 Page - Intel Corporation

Back Button 865G Datasheet HTML 19Page - Intel Corporation 865G Datasheet HTML 20Page - Intel Corporation 865G Datasheet HTML 21Page - Intel Corporation 865G Datasheet HTML 22Page - Intel Corporation 865G Datasheet HTML 23Page - Intel Corporation 865G Datasheet HTML 24Page - Intel Corporation 865G Datasheet HTML 25Page - Intel Corporation 865G Datasheet HTML 26Page - Intel Corporation 865G Datasheet HTML 27Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 249 page
background image
24
Intel® 82865G/82865GV GMCH Datasheet
Introduction
1.4.7
Display Interface
The GMCH provides interfaces to a progressive scan analog monitor and two DVOs (multiplexed
with AGP) capable of driving an ADD card. The digital display channels are capable of driving a
variety of DVO devices (e.g., TMDS, LVDS, and TV-Out).
• The GMCH has an integrated 350 MHz RAMDAC that can directly drive a progressive scan
analog monitor up to a resolution of 2048x1536 @ 75Hz.
• The GMCH provides two multiplexed DVOs that are capable of driving a 165 MHz pixel
clock. It is possible to combine the two multiplexed DVO ports to drive larger digital displays.
The GMCH is compliant with DVI Specification 1.0. When combined with a DVI compliant
external device and connector, the GMCH has a high-speed interface to a digital display
(e.g., flat panel or digital CRT).
1.5
Clock Ratios
Table 2 lists the supported system memory clock ratios. AGP, CSA, and HI run at 66 MHz
common clock and are asynchronous to the chipset core. There is no required skew or ratio
between FSB/chipset core and 66 MHz system clocks.
Table 2. System Memory Clock Ratios
Host Clock
DRAM Clock
Ratios
DRAM Data
Rate
DRAM Type
Peak
Bandwidth
100 MHz
133 MHz
3/4
266 MT/s
DDR-DRAM
2.1 GB/s
133 MHz
133 MHz
1/1
266 MT/s
DDR-DRAM
2.1 GB/s
200 MHz
133 MHz
3/2
266 MT/s
DDR-DRAM
2.1 GB/s
133 MHz
166 MHz
4/5
333 MT/s
DDR-DRAM
2.7 GB/s
200 MHz
160 MHz
5/4
320 MT/s
DDR-DRAM
2.6 GB/s
200 MHz
200 MHz
1/1
400 MT/s
DDR-DRAM
3.2 GB/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com