Electronic Components Datasheet Search
  English  ▼

X  

865G Datasheet(PDF) 21 Page - Intel Corporation

Part # 865G
Description  Intel 865G/865GV Graphics and Memory Controller Hub
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

865G Datasheet(HTML) 21 Page - Intel Corporation

Back Button 865G Datasheet HTML 17Page - Intel Corporation 865G Datasheet HTML 18Page - Intel Corporation 865G Datasheet HTML 19Page - Intel Corporation 865G Datasheet HTML 20Page - Intel Corporation 865G Datasheet HTML 21Page - Intel Corporation 865G Datasheet HTML 22Page - Intel Corporation 865G Datasheet HTML 23Page - Intel Corporation 865G Datasheet HTML 24Page - Intel Corporation 865G Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 249 page
background image
22
Intel® 82865G/82865GV GMCH Datasheet
Introduction
DVO Multiplexed Interface
The GMCH supports two multiplexed DVO ports that each drive pixel clocks up to 165 MHz. The
DVO ports can each support a single-channel DVO device. If both ports are active in single-
channel mode, they will have identical display timings and data. Alternatively, the DVO ports can
be combined to support dual-channel devices that have higher resolutions and refresh rates. The
GMCH can make use of these digital display channels via an AGP Digital Display (ADD) card.
1.4.6
Graphics Overview
The GMCH provides an integrated graphics accelerator delivering cost competitive 3D, 2D, and
video capabilities. The GMCH contains an extensive set of instructions for 3D operations, BLT and
Stretch BLT operations, motion compensation, overlay, and display control. The GMCH’s video
engines support video conferencing and other video applications. The GMCH does not support a
dedicated local graphics memory interface; it may only be used in a UMA configuration. The
GMCH also has the capability to support external graphics accelerators via AGP; The IGD cannot
work concurrently with an external AGP graphics device.
High bandwidth access to data is provided through the system memory port. The GMCH can
access local and AGP graphics data located in system memory to 4.2 GB/s (DDR266),
5.4 GB/s (DDR333), or 6.4 GB/s (DDR400) depending on whether single/dual channel memory
configuration.
The GMCH also provides 2D hardware acceleration for block-level transfers of data (BLTs). The
BLT engine provides the ability to copy a source block of data to a destination and perform raster
operations (e.g., ROP1, ROP2, and ROP3) on the data using a pattern, and/or another destination.
Performing these common tasks in hardware reduces processor load, and thus improves
performance. The internal graphics device incorporated in the GMCH is incapable of operating in
parallel with an attached AGP device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com