Electronic Components Datasheet Search
  English  ▼

X  

865G Datasheet(PDF) 39 Page - Intel Corporation

Part # 865G
Description  Intel 865G/865GV Graphics and Memory Controller Hub
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

865G Datasheet(HTML) 39 Page - Intel Corporation

Back Button 865G Datasheet HTML 35Page - Intel Corporation 865G Datasheet HTML 36Page - Intel Corporation 865G Datasheet HTML 37Page - Intel Corporation 865G Datasheet HTML 38Page - Intel Corporation 865G Datasheet HTML 39Page - Intel Corporation 865G Datasheet HTML 40Page - Intel Corporation 865G Datasheet HTML 41Page - Intel Corporation 865G Datasheet HTML 42Page - Intel Corporation 865G Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 249 page
background image
40
Intel® 82865G/82865GV GMCH Datasheet
Signal Description
2.6
Analog Display Interface
Signal Name
Type
Description
HSYNC
O
3.3 V
GPIO
CRT Horizontal Synchronization: This signal is used as the horizontal sync
(polarity is programmable) or “sync interval.” This signal may need to be level
shifted.
VSYNC
O
3.3 V
GPIO
CRT Vertical Synchronization: This signal is used as the vertical sync
(polarity is programmable). This signal may need to be level shifted.
RED
O
Analog
RED Analog Video Output: This signal is a CRT Analog video output from the
internal color palette DAC. The DAC is designed for a 37.5
Ω equivalent load
on each signal (e.g., 75
Ω resistor on the board, in parallel with a 75 Ω CRT
load).
RED#
O
Analog
RED# Analog Output: This signal is an analog video output from the internal
color palette DAC. It is connected to a 37.5
Ω resistor to ground. This signal is
used to provide noise immunity.
GREEN
O
Analog
GREEN Analog Video Output: This signal is a CRT Analog video output from
the internal color palette DAC. The DAC is designed for a 37.5
Ω equivalent
load on each signal (e.g., 75
Ω resistor on the board, in parallel with a 75 Ω
CRT load).
GREEN#
O
Analog
GREEN# Analog Output: This signal is an analog video output from the
internal color palette DAC. It is connected to a 37.5
Ω resistor to ground. This
signal is used to provide noise immunity.
BLUE
O
Analog
BLUE Analog Video Output: This signal is a CRT Analog video output from
the internal color palette DAC. The DAC is designed for a 37.5
Ω equivalent
load on each signal (e.g., 75
Ω resistor on the board, in parallel with a 75 Ω
CRT load).
BLUE#
O
Analog
BLUE# Analog Output: This signal is an analog video output from the internal
color palette DAC. It is connected to a 37.5
Ω resistor to ground. This signal is
used to provide noise immunity.
REFSET
I
Analog
Resistor Set: Set point resistor for the internal color palette DAC. A 169
Ω, 1%
resistor is required between REFSET and motherboard ground.
DDCA_CLK
I/O
3.3 V
GPIO
Analog DDC Clock: Clock signal for the I2C style interface that connects to
Analog CRT Display.
NOTE: This signal may need to be level shifted to 5 Volts.
DDCA_DATA
I/O
3.3 V
GPIO
Analog DDC Data: Data signal for the I2C style interface that connects to
Analog CRT Display.
NOTE: This signal may need to be level shifted to 5 Volts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com