Electronic Components Datasheet Search
  English  ▼

X  

R58ECRGB1Q8. Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # R58ECRGB1Q8.
Description  R58E Series Expert??Registration Mark Sensors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

R58ECRGB1Q8. Datasheet(HTML) 4 Page - Banner Engineering Corp.

  R58ECRGB1Q8. Datasheet HTML 1Page - Banner Engineering Corp. R58ECRGB1Q8. Datasheet HTML 2Page - Banner Engineering Corp. R58ECRGB1Q8. Datasheet HTML 3Page - Banner Engineering Corp. R58ECRGB1Q8. Datasheet HTML 4Page - Banner Engineering Corp. R58ECRGB1Q8. Datasheet HTML 5Page - Banner Engineering Corp. R58ECRGB1Q8. Datasheet HTML 6Page - Banner Engineering Corp. R58ECRGB1Q8. Datasheet HTML 7Page - Banner Engineering Corp. R58ECRGB1Q8. Datasheet HTML 8Page - Banner Engineering Corp. R58ECRGB1Q8. Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Wiring Diagrams
3
1
2
4
5
10-30V dc
Remote
Teach
Load
Load
+
–
Key
1 = Brown
2 = White
3 = Blue
4 = Black
5 = Gray
Quick disconnect (QD) wiring diagrams are functionally identical.
Sensor Configuration
The R58E is pre-set to power up in Run mode and to sense the most recently taught registration mark. Quickly optimize the sensitivity of
the R58E using one of two available TEACH modes: Static TEACH or Dynamic TEACH.
Static TEACH: Both the Output ON and Output OFF conditions are presented, and sensitivity can be adjusted manually using the push
buttons.
Dynamic TEACH: The registration mark is presented during actual sensing conditions, and the sensitivity can be adjusted manually using
the push buttons.
Remote TEACH
Configure the sensor either using the push buttons, or using a remote switch. Remote configuration also may be used to enter Setup
mode to set the ON- and OFF-delay, and to disable the push buttons to prevent unauthorized adjustment of the configuration settings.
To access this feature, connect the gray wire of the sensor to 0 V dc, with a remote switch between the sensor and 0 V dc.
Follow the sequence of input pulses to configure the sensor (see the procedures in this document). The duration of each pulse
(corresponding to a push button “click”), and the period between multiple pulses, are defined as: “T”: 0.04 seconds ≤ “T” ≤ 0.8 seconds.
Push Button Enable/Disable (Lockout)
In addition to its configuration function, the remote input may be used to disable the push buttons for security. Disabling the push
buttons prevents unauthorized adjustment of the configuration settings. Connect the gray wire of the sensor as described in Wiring
Diagrams on page 4, and four-pulse to either enable or disable the push buttons (0.04 seconds < "T" < 0.8 seconds):
Note: Push buttons can be disabled/enabled from the remote line only.
Static TEACH
In Static TEACH mode, the sensor learns two sensing conditions after each is presented one time. The sensor automatically positions the
switchpoint midway between the two conditions.
The sensor returns to Run mode if either TEACH condition is not
registered within 60 seconds. The sensor reverts to the previous
taught conditions.
Cancel TEACH mode by pressing and holding the Static push
button for ≥ 2 seconds. The sensor reverts to the previous taught
conditions (that is, exit without saving).
Static TEACH and Manual Adjust
Sensitivity may be adjusted at any time when the sensor is in Run
mode by clicking the “+” and “-” buttons. Each click translates to
1/2 segment on the signal strength bargraph display. For best
sensing reliability, both sensing conditions should register equally
distant from the switchpoint on the signal strength bargraph
display.
Sensor positions
threshold midway
between taught conditions
Output OFF
Output ON
2nd Taught
Condition
1st Taught
Condition
Position
adjusted by
Manual Adjust
Figure 5. Static TEACH (Light Operate Shown)
R58E Series Expert™ Registration Mark Sensors
4
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 122928 Rev. D



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com