Electronic Components Datasheet Search
  English  ▼

X  

R58ECRGB1Q8. Datasheet(PDF) 5 Page - Banner Engineering Corp.

Part # R58ECRGB1Q8.
Description  R58E Series Expert??Registration Mark Sensors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

R58ECRGB1Q8. Datasheet(HTML) 5 Page - Banner Engineering Corp.

  R58ECRGB1Q8. Datasheet HTML 1Page - Banner Engineering Corp. R58ECRGB1Q8. Datasheet HTML 2Page - Banner Engineering Corp. R58ECRGB1Q8. Datasheet HTML 3Page - Banner Engineering Corp. R58ECRGB1Q8. Datasheet HTML 4Page - Banner Engineering Corp. R58ECRGB1Q8. Datasheet HTML 5Page - Banner Engineering Corp. R58ECRGB1Q8. Datasheet HTML 6Page - Banner Engineering Corp. R58ECRGB1Q8. Datasheet HTML 7Page - Banner Engineering Corp. R58ECRGB1Q8. Datasheet HTML 8Page - Banner Engineering Corp. R58ECRGB1Q8. Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
1. Access TEACH mode.
Method
Action
Result
Push Button2
Press and hold Static (-) for > 2 seconds.
LO and DO: Alternately flash green
Output: On amber (indicating ready to
teach first sensing condition)
Bargraph display: Turns off
Remote Input3
No action required; sensor is ready for the first
sensing condition.
N/A
2. Teach the first sensing condition.
Method
Action
Result
Push Button
a. Present the first sensing condition.
b. Click Static (-).
LO and DO: Alternately flash green
Output: Off (indicating ready to teach the
second sensing condition)
Bargraph display: Remains off
Remote Input
a. Present the first sensing condition.
b. Single-pulse the remote input.
c. Wait at least 8 seconds.
T
3. Teach the second sensing condition.
Method
Action
Result
Push Button
a. Present the second sensing condition.
b. Click Static (-).
Teach Accepted
•
The bargraph display flashes
one segment for three seconds
to indicate relative contrast (see
Table 1 on page 6) .
•
The sensor enters Run mode.
Teach Not Accepted
•
Pairs of bargraph display
segments flash for three
seconds to indicate low
contrast.
•
The sensor returns to TEACH
the first sensing condition.
Remote Input
a. Present the second sensing condition.
b. Single-pulse the remote input.
T
Dynamic TEACH
Dynamic TEACH is used to configure sensitivity during actual sensing conditions, when looking for a mark against its background
condition.
The R58E takes multiple samples of the registration mark against
its background material and automatically positions the threshold
at the optimum level. The registration mark must be presented at
least two times during Dynamic TEACH.
When Dynamic TEACH is used, the Output ON state is the shorter
duration (smaller) event sensed, and LO/DO is set accordingly. To
change the output state, change to either LO or DO in Setup
mode, or pulse the remote line three times.
Sensor positions
threshold midway
between taught conditions
Output OFF
Output ON
Darkest Taught
Condition
Lightest Taught
Condition
Position
adjusted by
Manual Adjust
Figure 6. Dynamic TEACH (Light or Dark Operate, depending on the
sensing condition shown)
Maximum Feed Rate
To optimize performance and to ensure that all LED color and gain combinations are evaluated during Dynamic TEACH, the registration
mark must encompass the 1.2 mm dimension of the 1.2 mm x 3.8 mm sensing image for at least 0.002 seconds. Determine the
maximum feed rate using the following formula:
2 0.04 seconds ≤ “click” ≤ 0.8 seconds
3 0.04 seconds ≤ “T” ≤ 0.8 seconds
R58E Series Expert™ Registration Mark Sensors
P/N 122928 Rev. D
www.bannerengineering.com - Tel: +1-763-544-3164
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com