Electronic Components Datasheet Search
  English  ▼

X  

R58ECRGB1Q8. Datasheet(PDF) 10 Page - Banner Engineering Corp.

Part # R58ECRGB1Q8.
Description  R58E Series Expert??Registration Mark Sensors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

R58ECRGB1Q8. Datasheet(HTML) 10 Page - Banner Engineering Corp.

Back Button R58ECRGB1Q8. Datasheet HTML 3Page - Banner Engineering Corp. R58ECRGB1Q8. Datasheet HTML 4Page - Banner Engineering Corp. R58ECRGB1Q8. Datasheet HTML 5Page - Banner Engineering Corp. R58ECRGB1Q8. Datasheet HTML 6Page - Banner Engineering Corp. R58ECRGB1Q8. Datasheet HTML 7Page - Banner Engineering Corp. R58ECRGB1Q8. Datasheet HTML 8Page - Banner Engineering Corp. R58ECRGB1Q8. Datasheet HTML 9Page - Banner Engineering Corp. R58ECRGB1Q8. Datasheet HTML 10Page - Banner Engineering Corp. R58ECRGB1Q8. Datasheet HTML 11Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Dimensions
2 X 39.0 mm
(1.54")
2 X 28.0 mm
(1.10")
4 X M5 X 0.8 ISO-H
9.5 mm deep,
max. torque 45 in./lbs.
2 X 40.0 mm
(1.57")
4 X 0.4 mm
(0.02")
30.0 mm
(1.18")
4 X .4 mm
(0.02")
15.0 mm
(0.59")
15.0 mm
(0.59")
15.0 mm
(0.59")
15.0 mm
(0.59")
15.0 mm
(0.59")
43.0 mm
(1.69")
28.0 mm
(1.10")
4.5 mm
(0.18")
20 mm
(0.79")
21.0 mm
(0.83")
4 X M5 X 0.8 ISO-H
7 mm deep
M12 X 1
Ø 21.0 mm
(Ø 0.83")
30.0 mm
(1.18")
5.0 mm
(0.20")
80.1 mm
(3.15")
58.9 mm
(2.32")
10.7 mm
(0.42")
2 X 8.5 mm
(0.33")
cable or pigtail QD
2 X 3.2 mm
(0.12")
All measurements are listed in millimeters [inches], unless noted otherwise.
Accessories
Quick-Disconnect (QD) Cordsets
5-Pin Threaded M12/Euro-Style Cordsets—with Shield
Model
Length
Style
Dimensions
Pinout (Female)
MQDEC2-506
1.83 m (6 ft)
Straight
44 Typ.
ø 14.5
M12 x 1
2
3
4
1
5
1 = Brown
2 = White
3 = Blue
4 = Black
5 = Gray
MQDEC2-515
4.57 m (15 ft)
MQDEC2-530
9.14 m (30 ft)
MQDEC2-550
15.2 m (50 ft)
MQDEC2-506RA
1.83 m (6 ft)
Right-Angle
32 Typ.
[1.26"]
30 Typ.
[1.18"]
ø 14.5 [0.57"]
M12 x 1
MQDEC2-515RA
4.57 m (15 ft)
MQDEC2-530RA
9.14 m (30 ft)
MQDEC2-550RA
15.2 m (50 ft)
R58E Series Expert™ Registration Mark Sensors
10
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 122928 Rev. D



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com