Electronic Components Datasheet Search
  English  ▼

X  

R58ECRGB1Q8. Datasheet(PDF) 6 Page - Banner Engineering Corp.

Part # R58ECRGB1Q8.
Description  R58E Series Expert??Registration Mark Sensors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

R58ECRGB1Q8. Datasheet(HTML) 6 Page - Banner Engineering Corp.

Back Button R58ECRGB1Q8. Datasheet HTML 2Page - Banner Engineering Corp. R58ECRGB1Q8. Datasheet HTML 3Page - Banner Engineering Corp. R58ECRGB1Q8. Datasheet HTML 4Page - Banner Engineering Corp. R58ECRGB1Q8. Datasheet HTML 5Page - Banner Engineering Corp. R58ECRGB1Q8. Datasheet HTML 6Page - Banner Engineering Corp. R58ECRGB1Q8. Datasheet HTML 7Page - Banner Engineering Corp. R58ECRGB1Q8. Datasheet HTML 8Page - Banner Engineering Corp. R58ECRGB1Q8. Datasheet HTML 9Page - Banner Engineering Corp. R58ECRGB1Q8. Datasheet HTML 10Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Maximum Feed Rate in mm/sec. = (registration mark width in mm – 1.2) / 0.002
Example with a 5 mm registration mark:
Maximum Feed Rate = (5 mm – 1.2) / 0.002 = 1900 mm/sec.
Note: Registration marks narrower than the 1.2 mm sensing image width can be detected at feed rates less than 600
mm/sec, but the contrast is reduced due to averaging of the background and the registration mark.
Dynamic TEACH and Manual Adjust
Sensitivity may be adjusted at any time when the sensor is in Run mode by clicking the “+” and “-” buttons. Each click translates to 1/2
segment on the bargraph display. For best sensing reliability, the light and dark conditions should register equally distant from the
switchpoint on the bargraph display.
Table 1: Contrast
Bargraph Display Segment (following TEACH)
Relative Contrast/Recommendation
6 to 8
Excellent: Very stable operation.
4 to 5
Good: Minor sensing variables will not affect sensing reliability.
2 to 3
Low: Minor sensing variables may affect sensing reliability.
1
Poor: Consider an alternate sensing scheme.
Note: High contrast relates directly to sensing reliability; high-contrast sensing applications are most tolerant of
sensing variables (for example, web flutter or variations in registration mark color and print density).
1. Access TEACH mode.
Method
Action
Result
Push Button4
Press and hold Dynamic (+) for > 2 seconds.
LO and DO: Alternately flash green
Output: Off
Bargraph display: Turns off
Remote Input5
Hold the remote line low for >2 seconds.
2. Teach the sensing conditions.
Method
Action
Result
Push Button
a. Continue to press Dynamic (+).
b. Present the sensing conditions. Present registration marks at least twice.
LO and DO: Alternately flash green
Output: Off
Bargraph display: Remains off
Remote Input
a. Continue to hold the remote line low.
b. Present the sensing conditions. Present
registration marks at least twice.
3. Return to Run mode.
Method
Action
Result
Push Button
Release Dynamic (+).
Teach Accepted
•
The bargraph display flashes
one segment for three seconds
to indicate relative contrast (see
Table 1 on page 6).
•
The sensor enters Run mode.
Teach Not Accepted
•
Pairs of bargraph display
segments flash in unison for
three seconds to warn of
unacceptably low contrast.
•
The sensor returns to Run mode
without changing settings.
Remote Input
Release the remote input/switch.
Setup Mode
Use Setup mode to configure the discrete sensor output response for:
4 0.04 seconds ≤ “click” ≤ 0.8 seconds
5 0.04 seconds ≤ “T” ≤ 0.8 seconds
R58E Series Expert™ Registration Mark Sensors
6
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 122928 Rev. D



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com