Electronic Components Datasheet Search
  English  ▼

X  

R58ECRGB1Q8. Datasheet(PDF) 9 Page - Banner Engineering Corp.

Part # R58ECRGB1Q8.
Description  R58E Series Expert??Registration Mark Sensors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

R58ECRGB1Q8. Datasheet(HTML) 9 Page - Banner Engineering Corp.

Back Button R58ECRGB1Q8. Datasheet HTML 3Page - Banner Engineering Corp. R58ECRGB1Q8. Datasheet HTML 4Page - Banner Engineering Corp. R58ECRGB1Q8. Datasheet HTML 5Page - Banner Engineering Corp. R58ECRGB1Q8. Datasheet HTML 6Page - Banner Engineering Corp. R58ECRGB1Q8. Datasheet HTML 7Page - Banner Engineering Corp. R58ECRGB1Q8. Datasheet HTML 8Page - Banner Engineering Corp. R58ECRGB1Q8. Datasheet HTML 9Page - Banner Engineering Corp. R58ECRGB1Q8. Datasheet HTML 10Page - Banner Engineering Corp. R58ECRGB1Q8. Datasheet HTML 11Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Specifications
Supply Voltage and Current
10 V dc to 30 V dc (10% maximum ripple)
Supply current (exclusive of load current):
75 mA max at 10 V dc
35 mA at 30 V dc
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Output Configuration
Outputs are bipolar: one current sourcing (PNP) and one current sinking (NPN)
open-collector transistor
Output Rating
100 mA maximum, each output
OFF-state leakage current: NPN < 200 microamps; PNP < 10 microamps (see
Application Note 1)
NPN Saturation: < 1.6 V at 100 mA
PNP Saturation: < 3.0 V at 100 mA
Output Protection Circuitry
Protected against output short-circuit, continuous overload, and false pulse on
power-up
Output Response Time
50 microseconds
Note: 1 second delay on power-up; output does
not conduct during this time
Repeatability
15 microseconds
Tri-Color LED Sensing Image
Rectangular: 1.2 mm x 3.8 mm (0.05 in x 0.15 in) at 10 mm (0.39 in) from the
face of the lens; image oriented either parallel or perpendicular to sensor
length, depending on model
Red: 636 nm; Green: 525 nm; Blue: 472 nm
Adjustments
Using push buttons ("+" Dynamic and "-" Static):
Manually adjust discrete output switchpoint using "+" or "-" buttons
Dynamic TEACH (teach on-the-fly) sensitivity adjustment
Static TEACH sensitivity adjustment
Light operate/Dark operate
OFF-delay/ON-delay
Sensing beam color enable/disable
Using Remote TEACH input (gray wire):
Dynamic TEACH (teach on-the-fly) sensitivity adjustment
Static TEACH sensitivity adjustment
Light operate/Dark operate
OFF-delay/ON-delay
Sensing beam color enable/disable
Disable push buttons for security
Indicators
8-segment Barograph display: Red signal strength indicator relative to taught
signal level; higher segment number for higher sensing contrast
Light Operate: Green
Dark Operate: Green
OFF-Delay: Green
ON-Delay: Green
Output Conducting: Amber
Power/Run Mode: Green
Construction:
Housing: Zinc alloy die-cast and steel housing with black painted finish and o-
ring sealed lens and lens port cap
Lens: Acrylic
Lens port cap and lens holder: ABS
Push-buttons: Thermoplastic elastomer
Labels: Polycarbonate
Environmental Rating
IEC IP67, NEMA 6
Connections
PVC-jacketed 5-conductor 2 m (6.5 ft) or 9 m (30 ft) cable with internal strain
relief; integral 5-pin Euro-style QD fitting; or 150 mm (6 in) pigtail with 5-pin
Euro-style QD fitting
Operating Conditions
Temperature: −10 °C to +55 °C (+14 °F to +131 °F)
Storage Temperature −20 °C to +80 °C (−4 °F to +176 °F)
90% at +50 °C maximum relative humidity (non-condensing)
Vibration and Mechanical Shock
All models meet IEC 68-2-6 and IEC 68-2-27 testing criteria
Application Notes
1. NPN OFF-state leakage current is < 200 µA for load impedances >
3kΩ or optically isolated loads. For load current of 100 mA, leakage
is < 1% of load current.
2. Do not mount the sensor directly perpendicular to shiny surfaces;
position it at approximately a 15° angle in relation to the sensing
target (see Mounting Considerations on page 3).
3. Minimize web or product "flutter" whenever possible to maximize
sensing reliability.
Required Overcurrent Protection
WARNING: Electrical connections must be made
by qualified personnel in accordance with local
and national electrical codes and regulations.
Overcurrent protection is required to be provided by end product application
per the supplied table.
Overcurrent protection may be provided with external fusing or via Current
Limiting, Class 2 Power Supply.
Supply wiring leads < 24 AWG shall not be spliced.
For additional product support, go to www.bannerengineering.com.
Supply Wiring (AWG)
Required Overcurrent Protection (Amps)
20
5.0
22
3.0
24
2.0
26
1.0
28
0.8
30
0.5
Certifications
Industrial
Control
Equipment
3TJJ
R58E Series Expert™ Registration Mark Sensors
P/N 122928 Rev. D
www.bannerengineering.com - Tel: +1-763-544-3164
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com