Electronic Components Datasheet Search
  English  ▼

X  

THS6007 Datasheet(PDF) 16 Page - Texas Instruments

Part # THS6007
Description  DUAL DIFFERENTIAL LINE DRIVERS AND LOW-POWER RECEIVERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6007 Datasheet(HTML) 16 Page - Texas Instruments

Back Button THS6007 Datasheet HTML 12Page - Texas Instruments THS6007 Datasheet HTML 13Page - Texas Instruments THS6007 Datasheet HTML 14Page - Texas Instruments THS6007 Datasheet HTML 15Page - Texas Instruments THS6007 Datasheet HTML 16Page - Texas Instruments THS6007 Datasheet HTML 17Page - Texas Instruments THS6007 Datasheet HTML 18Page - Texas Instruments THS6007 Datasheet HTML 19Page - Texas Instruments THS6007 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
THS6007
DUAL DIFFERENTIAL LINE DRIVERS AND LOW-POWER RECEIVERS
SLOS334– DECEMBER 2000
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS (RECEIVER)
Figure 44
–20.00
0.00
20.00
40.00
60.00
80.00
100.00
OPEN LOOP GAIN & PHASE RESPONSE
vs
FREQUENCY
f – Frequency – Hz
100
1k
1G
1M
10M
Phase
100M
100k
10k
VCC = ±5 V and ±15 V
Gain
45
°
0
°
–45
°
90
°
135
°
180
°
–225
°
Figure 45
–90
–80
–70
–60
–50
–40
–30
–20
100k
1M
10M
RECEIVER-TO-RECEIVER CROSSTALK
vs
FREQUENCY
100M
VCC = ± 15 V
VI = 200 mV rms
Input = Receiver 1
Output = Receiver 2
f – Frequency – Hz
Input = Receiver 2
Output = Receiver 1
Figure 46
–100
–90
–80
–70
–60
–50
–40
10.00
100.00
1000.00
TOTAL HARMONIC DISTORTION
vs
FREQUENCY
f - Frequency - Hz
10M
100k
1M
VCC = ± 15 V
Gain = 2
VO(PP) = 2 V
RL = 150 Ω
RL = 1 kΩ
Figure 47
–100
–90
–80
–70
–60
–50
–40
10.00
100.00
1000.00
TOTAL HARMONIC DISTORTION
vs
FREQUENCY
f - Frequency - Hz
10M
100k
1M
VCC = ± 5 V
Gain = 2
VO(PP) = 2 V
RL = 150 Ω
RL = 1 kΩ
Figure 48
10
50
90
130
170
210
250
290
330
2345
SETTLING
vs
OUTPUT STEP
VCC = ±5 V(0.01%)
VO – Output Step Voltage – V
VCC = ±15 V(0.01%)
VCC = ±5 V(0.1%)
VCC = ±15 V(0.1%)
–100
–80
–60
–40
–20
0
Figure 49
POWER SUPPLY REJECTION
RATIO
vs
FREQUENCY
f - Frequency - Hz
VCC = ± 15 V & ± 5 V
100M
10M
100k
1M
–VCC
+VCC
Figure 50
–100
–90
–80
–70
–60
–50
0
5
10
15
20
DISTORTION
vs
OUTPUT VOLTAGE
VO – Output Voltage – V
VCC = ± 15 V
RL = 1 kΩ
Gain = 5
f = 1 MHz
2nd Harmonic
3rd Harmonic
Figure 51
–100
–90
–80
–70
–60
–50
0
5
10
15
20
DISTORTION
vs
OUTPUT VOLTAGE
VO – Output Voltage – V
VCC = ± 15 V
RL = 150 Ω
Gain = 5
f = 1 MHz
2nd Harmonic
3rd Harmonic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com