Electronic Components Datasheet Search
  English  ▼

X  

THS6007 Datasheet(PDF) 33 Page - Texas Instruments

Part # THS6007
Description  DUAL DIFFERENTIAL LINE DRIVERS AND LOW-POWER RECEIVERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6007 Datasheet(HTML) 33 Page - Texas Instruments

Back Button THS6007 Datasheet HTML 28Page - Texas Instruments THS6007 Datasheet HTML 29Page - Texas Instruments THS6007 Datasheet HTML 30Page - Texas Instruments THS6007 Datasheet HTML 31Page - Texas Instruments THS6007 Datasheet HTML 32Page - Texas Instruments THS6007 Datasheet HTML 33Page - Texas Instruments THS6007 Datasheet HTML 34Page - Texas Instruments THS6007 Datasheet HTML 35Page - Texas Instruments THS6007 Datasheet HTML 36Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
THS6007
DUAL DIFFERENTIAL LINE DRIVERS AND LOW-POWER RECEIVERS
SLOS334– DECEMBER 2000
33
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
general configurations (continued)
THS6007 driver amplifiers can also be used as very good video distribution amplifiers. One characteristic of
distribution amplifiers is the fact that the differential phase (DP) and the differential gain (DG) are compromised
as the number of lines increases and the closed-loop gain increases. Be sure to use termination resistors
throughout the distribution system to minimize reflections and capacitive loading.
+
–
620
Ω
620
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
N Lines
VO1
VON
THS6007
75
Ω Transmission Line
VI
Figure 90. Video Distribution Amplifier Application
driving a capacitive load
Driving capacitive loads with high performance amplifiers is not a problem as long as certain precautions are
taken. The first is to realize that the THS6007 has been internally compensated to maximize its bandwidth and
slew rate performance. When the amplifier is compensated in this manner, capacitive loading directly on the
output will decrease the device’s phase margin leading to high frequency ringing or oscillations. Therefore, for
capacitive loads of greater than 10 pF, it is recommended that a resistor be placed in series with the output of
the amplifier, as shown in Figure 91. A minimum value of 20
Ω should work well for most applications. For
example, in 75-
Ω transmission systems, setting the series resistor value to 75 Ω both isolates any capacitance
loading and provides the proper line impedance matching at the source end.
+
_
THS6007
Receiver
CLOAD
1.3 k
Ω
Input
Output
1.3 k
Ω
20
Ω
Figure 91. Driving a Capacitive Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com