Electronic Components Datasheet Search
  English  ▼

X  

THS6007 Datasheet(PDF) 27 Page - Texas Instruments

Part # THS6007
Description  DUAL DIFFERENTIAL LINE DRIVERS AND LOW-POWER RECEIVERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6007 Datasheet(HTML) 27 Page - Texas Instruments

Back Button THS6007 Datasheet HTML 23Page - Texas Instruments THS6007 Datasheet HTML 24Page - Texas Instruments THS6007 Datasheet HTML 25Page - Texas Instruments THS6007 Datasheet HTML 26Page - Texas Instruments THS6007 Datasheet HTML 27Page - Texas Instruments THS6007 Datasheet HTML 28Page - Texas Instruments THS6007 Datasheet HTML 29Page - Texas Instruments THS6007 Datasheet HTML 30Page - Texas Instruments THS6007 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
THS6007
DUAL DIFFERENTIAL LINE DRIVERS AND LOW-POWER RECEIVERS
SLOS334– DECEMBER 2000
27
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
noise calculations and noise figure (continued)
As the previous equations show, to keep noise at a minimum, small-value resistors should be used. As the
closed-loop gain is increased (by reducing Rg), the input noise is reduced considerably because of the parallel
resistance term. This leads to the general conclusion that the most dominant noise sources are the source
resistor (RS) and the internal amplifier noise voltage (en). Because noise is summed in a root-mean-squares
method, noise sources smaller than 25% of the largest noise source can be effectively ignored. This can greatly
simplify the formula and make noise calculations much easier to calculate.
This brings up another noise measurement usually preferred in RF applications, noise figure (NF). Noise figure
is a measure of noise degradation caused by the amplifier. The value of the source resistance must be defined
and is typically 50
Ω in RF applications.
NF
+ 10log
e
2
ni
e
Rs
Because the dominant noise components are generally the source resistance and the internal amplifier noise
voltage, we can approximate the noise figure as:
NF
+ 10log 1 )
e
n
2
) IN )
R
S
2
4kTR
S
The Figure 83 shows the noise figure graph for the drivers of the THS6007. Figure 84 shows the noise figure
graph for the receivers of the THS6007.
Figure 83
DRIVER NOISE FIGURE
vs
SOURCE RESISTANCE
18
14
0
20
16
12
Rs – Source Resistance – Ω
10
100
1k
10k
TA = 25°C
8
4
10
6
2
Figure 84
0
5
10
15
20
25
30
35
40
Source Resistance – RS (Ω)
f = 10 kHz
TA = 25°C
RECEIVER NOISE FIGURE
vs
SOURCE RESISTANCE
10
100
1k
10k
100k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com