Electronic Components Datasheet Search
  English  ▼

X  

THS6007 Datasheet(PDF) 30 Page - Texas Instruments

Part # THS6007
Description  DUAL DIFFERENTIAL LINE DRIVERS AND LOW-POWER RECEIVERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6007 Datasheet(HTML) 30 Page - Texas Instruments

Back Button THS6007 Datasheet HTML 26Page - Texas Instruments THS6007 Datasheet HTML 27Page - Texas Instruments THS6007 Datasheet HTML 28Page - Texas Instruments THS6007 Datasheet HTML 29Page - Texas Instruments THS6007 Datasheet HTML 30Page - Texas Instruments THS6007 Datasheet HTML 31Page - Texas Instruments THS6007 Datasheet HTML 32Page - Texas Instruments THS6007 Datasheet HTML 33Page - Texas Instruments THS6007 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
THS6007
DUAL DIFFERENTIAL LINE DRIVERS AND LOW-POWER RECEIVERS
SLOS334– DECEMBER 2000
30
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
PCB design considerations (continued)
Thermal pad area (0.12 x 0.3)
with 10 vias
(Via diameter = 13 mils)
Figure 86. PowerPAD
™ PCB Etch and Via Pattern
The actual thermal performance achieved with the THS6007 in its PowerPAD
™ package depends on the
application. In the previous example, if the size of the internal ground plane is approximately 3 inches
× 3 inches,
then the expected thermal coefficient,
θJA, is about 27.9_C/W. For a given θJA, the maximum power dissipation
is shown in Figure 87 and is calculated by the following formula:
P
D +
T
MAX
–T
A
q
JA
Where:
PD
= Maximum power dissipation of THS6007 (watts)
TMAX = Absolute maximum junction temperature (150°C)
TA
= Free-ambient air temperature (
°C)
θJA = θJC + θCA
θJC = Thermal coefficient from junction to case (0.72°C/W)
θCA = Thermal coefficient from case to ambient
It is recommended to design the system to keep the junction temperature (TJ) at a minimum of 125°C. Junction
temperatures higher 125
°C than can lead to increased output distortion. Additionally, because the heat of the
device is dissipated through the PCB, care must be taken to ensure the PCB does not become thermally
saturated. Once this happens, the power dissipation of the system (PCB and active devices) becomes very
in-efficient and the performance will suffer.
More complete details of the PowerPAD
™ installation process and thermal management techniques can be
found in the Texas Instruments Technical Brief,
PowerPAD
™ Thermally Enhanced Package. This document can
be found at the TI web site (www.ti.com) by searching on the key word PowerPAD
™. The document can also
be ordered through your local TI sales office. Refer to literature number SLMA002 when ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com