Electronic Components Datasheet Search
  English  ▼

X  

AD9878BSTZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD9878BSTZ
Description  Mixed-Signal Front End for Broadband Applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9878BSTZ Datasheet(HTML) 4 Page - Analog Devices

  AD9878BSTZ Datasheet HTML 1Page - Analog Devices AD9878BSTZ Datasheet HTML 2Page - Analog Devices AD9878BSTZ Datasheet HTML 3Page - Analog Devices AD9878BSTZ Datasheet HTML 4Page - Analog Devices AD9878BSTZ Datasheet HTML 5Page - Analog Devices AD9878BSTZ Datasheet HTML 6Page - Analog Devices AD9878BSTZ Datasheet HTML 7Page - Analog Devices AD9878BSTZ Datasheet HTML 8Page - Analog Devices AD9878BSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
AD9878
Rev. A | Page 4 of 36
ELECTRICAL CHARACTERISTICS
VAS = 3.3 V ± 5%, VDS = 3.3 V ± 10%, fOSCIN = 27 MHz, fSYSCLK = 216 MHz, fMCLK = 54 MHz (M = 8), ADC clock derived from OSCIN,
RSET = 4.02 kΩ, maximum. Fine gain, 75 Ω DAC load.
Table 1.
PARAMETER
Temp
Test Level
Min
Typ
Max
Unit
OSCIN and XTAL CHARACTERISTICS
Frequency Range
Full
II
3
29
MHz
Duty Cycle
25°C
II
35
50
65
%
Input Impedance
25°C
III
100||3
MΩ||pF
MCLK Cycle-to-Cycle Jitter (fMCLK derived from PLL)
25°C
III
6
ps rms
Tx DAC CHARACTERISTICS
Maximum Sample Rate
Full
II
232
MHz
Resolution
N/A
N/A
12
Bits
Full-Scale Output Current
Full
II
4
10
20
mA
Gain Error (Using Internal Reference)
25°C
I
−2.0
−1
+2.0
% FS
Offset Error
25°C
I
±1.0
% FS
Reference Voltage (REFIO Level)
25°C
I
1.18
1.23
1.28
V
Differential Nonlinearity (DNL)
25°C
III
±2.5
LSB
Integral Nonlinearity (INL)
25°C
III
±8
LSB
Output Capacitance
25°C
III
5
pF
Phase Noise @ 1 kHz Offset, 42 MHz Carrier
25°C
III
−110
dBc/Hz
Output Voltage Compliance Range
Full
II
−0.5
+1.5
V
Wideband SFDR
5 MHz Analog Output, IOUT = 10 mA
Full
II
62.4
68
dB
65 MHz Analog Output, IOUT = 10 mA
Full
II
50.3
53.5
dB
Narrow-Band SFDR (±1 MHz Window)
5 MHz Analog Output, IOUT = 10 mA
Full
II
71
74
dB
65 MHz Analog Output, IOUT = 10 mA
Full
II
61
64
dB
Tx MODULATOR CHARACTERISTICS
I/Q Offset
Full
II
50
55
dB
Pass-Band Amplitude Ripple (f < fIQCLK/8)
Full
II
±0.1
dB
Pass-Band Amplitude Ripple (f < fIQCLK/4)
Full
II
±0.5
dB
Stop-Band Response (f > fIQCLK × 3/4)
Full
II
−63
dB
Tx GAIN CONTROL
Gain Step Size
25°C
III
0.5
dB
Gain Step Error
25°C
III
<0.05
dB
Settling Time, 1% (Full-Scale Step)
25°C
III
1.8
µs
10-BIT ADC CHARACTERISTICS
Resolution
N/A
N/A
10
Bits
Maximum Conversion Rate
Full
II
29
MHz
Pipeline Delay
N/A
N/A
4.5
ADC cycles
Analog Input
Input Voltage Range
Full
II
2
VPPD
Differential Input Impedance
25°C
III
4||2
kΩ||pF
Full Power Bandwidth
25°C
III
90
MHz
Dynamic Performance (AIN = −0.5 dBFS, f = 5 MHz)
Signal-to-Noise and Distortion (SINAD)
Full
II
57.6
59.7
dB
Effective Number of Bits (ENOB)
Full
II
9.3
9.6
Bits
Total Harmonic Distortion (THD)
Full
II
−71.1
−63.6
dB
Spurious-Free Dynamic Range (SFDR)
Full
II
65.7
72.4
dB
Reference Voltage Error, REFT10 to REFB10 (1.0 V)
Full
I
±4
±100
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com