Electronic Components Datasheet Search
  English  ▼

X  

AD9878BSTZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD9878BSTZ
Description  Mixed-Signal Front End for Broadband Applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9878BSTZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9878BSTZ Datasheet HTML 12Page - Analog Devices AD9878BSTZ Datasheet HTML 13Page - Analog Devices AD9878BSTZ Datasheet HTML 14Page - Analog Devices AD9878BSTZ Datasheet HTML 15Page - Analog Devices AD9878BSTZ Datasheet HTML 16Page - Analog Devices AD9878BSTZ Datasheet HTML 17Page - Analog Devices AD9878BSTZ Datasheet HTML 18Page - Analog Devices AD9878BSTZ Datasheet HTML 19Page - Analog Devices AD9878BSTZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
AD9878
Rev. A | Page 16 of 36
REGISTER 0x07—VIDEO INPUT CONFIGURATION
Bits [6:0]: Clamp Level Control Value
The 7-bit clamp-level control value is used to set an offset to the
automatic clamp-level control loop. The actual ADC output has a
clamp-level offset equal to 16 times the clamp level control value.
( )16
-
-
x
Value
Control
Level
Clamp
Offset
Level
Clamp
=
The default value for the clamp-level control value is 0x20. This
results in an ADC output clamp-level offset of 512 LSBs. The
valid programming range for the clamp-level control value is
0x16 to 0x127.
Bit 7: Video Input Enable
This bit enables the video input. In default with Bit 7 = 0, both
IF12 ADCs are connected to IF inputs. If the video input is
enabled by setting bit 7 = 1, the video input will be connected to
the IF12 ADC selected by REG 0x03, Bit 6.
REGISTER 0x08—ADC CLOCK CONFIGURATION
Bit 0: Send ADC12B Data Only
When this bit is set high, the device enters a nonmultiplexed
mode, and only the data from the ADC12B is sent to the
IF[11:0] digital output port.
Bit 1: Send ADC12A Data Only
When this bit is set high, the device enters a nonmultiplexed
mode, and only the data from the ADC12A is sent to the
IF[11:0] digital output port.
If both the send ADC12B data only and send ADC12A data
only register bits are set high, the device sends both ADC12A
and ADC12B data in the default multiplexed mode.
Bit 3: Power Down ADC10 Voltage Reference
Active high powers down the voltage reference circuit for
the ADC10.
Bit 4: Power Down RxSYNC Generator
Setting this bit to 1 powers down the 10-bit ADC’s sampling
clock and makes the RxSYNC output pin stay low. It can be
used for additional power saving on top of the power-down
selections in Register 0x02.
Bit 5: Rx PORT Fast Edge Rate
Setting this bit to 1 increases the output drive strength of all digital
output pins, except MCLK, REFCLK, SIGDELT, and
FLAG[2:1]. These pins always have high output drive capability.
Bit 7: ADC Clocked Directly from OSCIN
When set high, the ADC sampling clock is derived directly from
the input clock at OSCIN. In this mode, the clock supplied to the
OSCIN pin should originate from an external crystal or low jitter
crystal oscillator. When this bit is low, the ADC sampling clock
is derived from the internal PLL and the frequency of the clock
is equal to fOSCIN × M/8.
REGISTER 0x0C—DIE REVISION
Bits [3:0]: Version
The die version of the chip can be read from this register.
REGISTER 0x0D—Tx FREQUENCY TUNING WORDS
LSBs
This register accommodates the 2 LSBs for each frequency tuning
word (FTW). See the Registers 0x10 Through 0x17—
Burst Parameter section.
REGISTER 0x0E—DAC GAIN CONTROL
This register allows the user to program the DAC gain if the
Tx Gain Control Select Bit 3 in Register 0x0F is set to 0.
Table 5. DAC Gain Control
Bits [3:0]
DAC Gain (dB)
0000
0.0 (default)
0001
0.5
0010
1.0
0011
1.5
…
…
1110
7.0
1111
7.5
REGISTER 0x0F—Tx PATH CONFIGURATION
Bit 0: Single Tone Tx Mode
Active high configures the AD9878 for single-tone applications
(e.g., FSK). The AD9878 supplies a single frequency output, as
determined by the FTW selected by the active profile. In this
mode, the TxIQ input data pins are ignored, but should be tied
to a valid logic voltage level. Default value is 0x00 (inactive).
Bit 1: Spectral Inversion Tx
When set to 1, inverted modulation is performed:
( )
( )
[
].
sin
cos
_
t
Q
t
I
OUT
MODULATOR
ω
+
ω
=
Default is Logic 0, noninverted modulation:
()
( )
[
].
sin
cos
_
t
Q
t
I
OUT
MODULATOR
ω
−
ω
=
Bit 2: Bypass Inv Sinc Tx Filter
Active high configures the AD9878 to bypass the sin(x)/x com-
pensation filter. Default value is 0x00 (inverse sinc filter enabled).
Bit 3: CA Interface Mode Select
This bit changes the format of the AD9878 3-wire CA interface to
a format in which the AD9878 digitally interfaces to external
variable gain amplifiers. This is accomplished by changing
the interpretation of the bits in Register 0x13, Register 0x17,
Register 0x1B, and Register 0x1F. See the Cable-Driver Gain
Control section for more detail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com