Electronic Components Datasheet Search
  English  ▼

X  

AD9878BSTZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD9878BSTZ
Description  Mixed-Signal Front End for Broadband Applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9878BSTZ Datasheet(HTML) 5 Page - Analog Devices

  AD9878BSTZ Datasheet HTML 1Page - Analog Devices AD9878BSTZ Datasheet HTML 2Page - Analog Devices AD9878BSTZ Datasheet HTML 3Page - Analog Devices AD9878BSTZ Datasheet HTML 4Page - Analog Devices AD9878BSTZ Datasheet HTML 5Page - Analog Devices AD9878BSTZ Datasheet HTML 6Page - Analog Devices AD9878BSTZ Datasheet HTML 7Page - Analog Devices AD9878BSTZ Datasheet HTML 8Page - Analog Devices AD9878BSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
AD9878
Rev. A | Page 5 of 36
PARAMETER
Temp
Test Level
Min
Typ
Max
Unit
Dynamic Performance (AIN = −0.5 dBFS, f = 50 MHz)
Signal-to-Noise and Distortion (SINAD)
Full
II
54.8
57.8
dB
Effective Number of Bits (ENOB)
Full
II
8.8
9.3
Bits
Total Harmonic Distortion (THD)
Full
II
−63.3
−56.9
dB
Spurious-Free Dynamic Range (SFDR)
Full
II
56.9
63.7
dB
12-BIT ADC CHARACTERISTICS
Resolution
N/A
N/A
12
Bits
Maximum Conversion Rate
Full
II
29
MHz
Pipeline Delay
N/A
N/A
5.5
ADC cycles
Analog Input
Input Voltage Range
Full
III
2
VPPD
Differential Input Impedance
25°C
III
4||2
kΩ||pF
Aperture Delay
25°C
III
2.0
ns
Aperture Jitter
25°C
III
1.2
ps rms
Full Power Bandwidth
25°C
III
85
MHz
Input Referred Noise
25°C
III
75
µV
Reference Voltage Error, REFT12 to REFB12 (1 V)
Full
I
−100
±16
+100
mV
Dynamic Performance (AIN = −0.5 dBFS, f = 5 MHz)
ADC Sample Clock = OSCIN
Signal-to-Noise and Distortion (SINAD)
Full
II
61.0
67
dB
Effective Number of Bits (ENOBs)
Full
II
9.8
10.8
Bits
Signal-to-Noise Ratio (SNR)
Full
II
64.2
66
dB
Total Harmonic Distortion (THD)
Full
II
−72.7
−61.7
dB
Spurious-Free Dynamic Range (SFDR)
Full
II
62.8
74.6
dB
ADC Sample Clock = PLL
Signal-to-Noise and Distortion (SINAD)
Full
II
60.4
64.4
dB
Effective Number of Bits (ENOB)
Full
II
9.74
10.4
Bits
Signal-to-Noise Ratio (SNR)
Full
II
62.4
65.1
dB
Total Harmonic Distortion (THD)
Full
II
−72.7
−61.8
dB
Spurious-Free Dynamic Range (SFDR)
Full
II
62.7
74.6
dB
Dynamic Performance (AIN = −0.5 dBFS, f = 50 MHz)
ADC Sample Clock = OSCIN
Signal-to-Noise and Distortion (SINAD)
Full
II
61.0
65.2
dB
Effective Number of Bits (ENOB)
Full
II
9.8
10.5
Bits
Signal-to-Noise Ratio (SNR)
Full
II
64.2
67.4
dB
Total Harmonic Distortion (THD)
Full
II
−72.8
−61.8
dB
Spurious-Free Dynamic Range (SFDR)
Full
II
62.8
74.6
dB
Differential Phase
25°C
III
<0.1
Degrees
Differential Gain
25°C
III
<1
LSB
VIDEO ADC PERFORMANCE (AIN = −0.5 dBFS, f = 5 MHz)
ADC Sample Clock = OSCIN
Signal-to-Noise and Distortion (SINAD)
Full
II
46.7
53
dB
Signal-to-Noise Ratio (SNR)
Full
II
54.3
63.2
Bits
Total Harmonic Distortion (THD)
Full
II
−50.2
−45.9
dB
Spurious-Free Dynamic Range (SFDR)
Full
II
45.9
50
dB
CHANNEL-TO-CHANNEL ISOLATION
Tx DAC-to-ADC Isolation (5 MHz Analog Output)
Isolation Between Tx and 10-Bit ADC
25°C
III
>60
dB
Isolation Between Tx and 12-Bit ADCs
25°C
III
>80
dB
ADC-to-ADC Isolation (AIN = –0.5 dBFS, f = 5 MHz)
Isolation Between IF10 and IF12A/B
25°C
III
>85
dB
Isolation Between IF12A and IF12B
25°C
III
>85
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com