Electronic Components Datasheet Search
  English  ▼

X  

AD9878BSTZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD9878BSTZ
Description  Mixed-Signal Front End for Broadband Applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9878BSTZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9878BSTZ Datasheet HTML 2Page - Analog Devices AD9878BSTZ Datasheet HTML 3Page - Analog Devices AD9878BSTZ Datasheet HTML 4Page - Analog Devices AD9878BSTZ Datasheet HTML 5Page - Analog Devices AD9878BSTZ Datasheet HTML 6Page - Analog Devices AD9878BSTZ Datasheet HTML 7Page - Analog Devices AD9878BSTZ Datasheet HTML 8Page - Analog Devices AD9878BSTZ Datasheet HTML 9Page - Analog Devices AD9878BSTZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
AD9878
Rev. A | Page 6 of 36
PARAMETER
Temp
Test Level
Min
Typ
Max
Unit
TIMING CHARACTERISTICS (10 pF Load)
Wake-Up Time
N/A
N/A
200
tMCLK cycles
Minimum RESET Pulse Width Low, tRL
N/A
N/A
5
tMCLK cycles
Digital Output Rise/Fall Time
Full
II
2.8
4
ns
Tx/Rx Interface
MCLK Frequency, fMCLK
Full
II
58
MHz
TxSYNC/TxIQ Setup Time, tSU
Full
II
3
ns
TxSYNC/TxIQ Hold Time, tHU
Full
II
3
ns
MCLK Rising Edge to RxSYNC Valid Delay, tMD
Full
II
0
1.0
ns
REFCLK Rising or Falling Edge to
RxSYNC Valid Delay, tOD
Full
II
tOSCIN/
4 − 2.0
tOSCIN/
4 + 3.0
ns
REFCLK Edge to MCLK Falling Edge, tEE
Full
II
−1.0
+1.0
ns
SERIAL CONTROL BUS
Maximum SCLK Frequency, fSCLK
Full
II
15
MHz
Minimum Clock Pulse Width High, tPWH
Full
II
30
ns
Minimum Clock Pulse Width Low, tPWL
Full
II
30
ns
Maximum Clock Rise/Fall Time
Full
II
1
µs
Minimum Data/Chip-Select Setup Time, tDS
Full
II
25
ns
Minimum Data Hold Time, tDH
Full
II
0
ns
Maximum Data Valid Time, tDV
Full
II
30
ns
CMOS LOGIC INPUTS
Logic 1 Voltage
25°C
II
VDRVDD − 0.7
V
Logic 0 Voltage
25°C
II
0.4
V
Logic 1 Current
25°C
II
12
µA
Logic 0 Current
25°C
II
12
µA
Input Capacitance
25°C
III
3
pF
CMOS LOGIC OUTPUTS (1 mA Load)
Logic 1 Voltage
25°C
II
VDRVDD − 0.6
V
Logic 0 Voltage
25°C
II
0.4
V
POWER SUPPLY
Supply Current, IS (Full Operation)
25°C
II
184
204
mA
Analog Supply Current, IAS
25°C
III
105
115
mA
Digital Supply Current, IDS
25°C
III
79
89
mA
Supply Current, IS
Standby (PWRDN Pin Active, IAS + IDS )
25°C
II
124
137
mA
Full Power-Down (Register 0x02 = 0xFF)
25°C
II
46
52
mA
Power-Down Tx Path (Register 0x02 = 0x60)
25°C
III
124
mA
Power-Down IF12 Rx Path (Register 0x02 = 0x1B)
25°C
III
131
159
mA
Power Supply Rejection (Differential Signal)
Tx DAC
25°C
III
<0.25
% FS
10-Bit ADC
25°C
III
<0.0001
% FS
12-Bit ADC
25°C
III
<0.0004
% FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com