Electronic Components Datasheet Search
  English  ▼

X  

AD9878BSTZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD9878BSTZ
Description  Mixed-Signal Front End for Broadband Applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9878BSTZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9878BSTZ Datasheet HTML 18Page - Analog Devices AD9878BSTZ Datasheet HTML 19Page - Analog Devices AD9878BSTZ Datasheet HTML 20Page - Analog Devices AD9878BSTZ Datasheet HTML 21Page - Analog Devices AD9878BSTZ Datasheet HTML 22Page - Analog Devices AD9878BSTZ Datasheet HTML 23Page - Analog Devices AD9878BSTZ Datasheet HTML 24Page - Analog Devices AD9878BSTZ Datasheet HTML 25Page - Analog Devices AD9878BSTZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
AD9878
Rev. A | Page 22 of 36
been pulse shaped, there is an additional concern. Typically,
pulse shaping is applied to the baseband data via a filter with a
raised cosine response. In such cases, an α value is used to modify
the bandwidth of the data, where the value of α is such that
.
1
0
<
α
<
A value of 0 causes the data bandwidth to correspond to the
Nyquist bandwidth. A value of 1 causes the data bandwidth to
be extended to twice the Nyquist bandwidth. Thus, with 2× over-
sampling of the baseband data and α = 1, the Nyquist bandwidth
of the data corresponds with the I/Q Nyquist bandwidth. As stated
earlier, this results in problems near the upper edge of the data
bandwidth due to the frequency response of the filters. The
maximum value of α that can be implemented is 0.45, because the
data bandwidth becomes
(
)
NYQ
NYQ
f
f
725
.
0
1
2
1
=
α
+
which puts the data bandwidth at the extreme edge of the flat
portion of the filter response.
If a particular application requires an α value between 0.45 and 1,
the user must oversample the baseband data by at least a factor of
4. Over the frequency range of the data to be transmitted, the
combined HBF 1, HBF 2, and CIC filters introduce a worst-case
droop of less than 0.2 dB.
FREQUENCY RELATIVE TO I/Q NYQ BW
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
–6
–5
–4
–3
–2
–1
0
1
1.0
Figure 25. Cascaded Filter Pass Band
DIGITAL UPCONVERTER
The digital quadrature modulator stage following the CIC filters
is used to frequency shift (upconvert) the baseband spectrum of
the incoming data stream to the desired carrier frequency. The
carrier frequency is controlled numerically by a direct digital
synthesizer (DDS). The DDS uses the internal system clock
(fSYSCLK) to generate the desired carrier frequency with a high
degree of precision. The carrier is applied to the I and Q
multipliers in a quadrature fashion (90° phase offset) and
summed to yield a data stream that is the modulated carrier. The
modulated carrier becomes the 12-bit sample sent to the DAC.
Tx SIGNAL LEVEL CONSIDERATIONS
The quadrature modulator itself introduces a maximum gain of
3 dB in signal level. To visualize this, assume that both the I and
Q data are fixed at the maximum possible digital value, x. Then,
the output of the modulator, z, is
( )
( )
[
]
t
x
t
x
z
ω
−
ω
=
sin
cos
Q
XZ
X
I
Figure 26. 16-Quadrature Modulation
It can be shown that |z| assumes a maximum value of
2
2
2
x
x
x
z
=
+
=
(a gain of +3 dB). However, if the
same number of bits represent |z| and x, an overflow occurs.
To prevent this, an effective −3 dB attenuation is internally
implemented on the I and Q data path:
x
z
=
+
=
2
1
2
1
The following example assumes a peak rms level of 10 dB:
LSBs
2000
dB
2
.
0
LSBs
2047
±
=
−
±
=
Value
Input
Component
Symbol
Maximum
()
rms
LSBs
1265
dB
dB
6
LSBs
2000
=
−
±
=
rms
Peak
Value
RMS
Input
Complex
Maximum
The maximum complex input rms value calculation uses both
I and Q symbol components that add a factor of two (6 dB)
to the formula. Table 10 shows typical I-Q input test signals
with amplitude levels related to 12-bit full scale (FS).
Table 10. I-Q Input Test Signals
Analog
Output
Digital Input
Input Level
Modulator
Output Level
Single Tone
I = cos(f)
FS − 0.2 dB
FS − 3.0 dB
(fC − f)
Q = cos(f + 90°)
= −sin(f)
FS − 0.2 dB
Single Tone
I = cos(f)
FS − 0.2 dB
FS − 3.0 dB
(fC + f)
Q = cos(f + 270°)
= +sin(f)
FS − 0.2 dB
Dual Tone
I = cos(f)
FS − 0.2 dBFS
FS − 0.2 dB
FS
(fC ± f)
Q = cos(f + 180°)
= −cos(f) or
Q = +cos(f)
FS − 0.2 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com