Electronic Components Datasheet Search
  English  ▼

X  

BUJD203AX Datasheet(PDF) 3 Page - WeEn Semiconductors

Part # BUJD203AX
Description  NPN power transistor with integrated diode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

BUJD203AX Datasheet(HTML) 3 Page - WeEn Semiconductors

  BUJD203AX Datasheet HTML 1Page - WeEn Semiconductors BUJD203AX Datasheet HTML 2Page - WeEn Semiconductors BUJD203AX Datasheet HTML 3Page - WeEn Semiconductors BUJD203AX Datasheet HTML 4Page - WeEn Semiconductors BUJD203AX Datasheet HTML 5Page - WeEn Semiconductors BUJD203AX Datasheet HTML 6Page - WeEn Semiconductors BUJD203AX Datasheet HTML 7Page - WeEn Semiconductors BUJD203AX Datasheet HTML 8Page - WeEn Semiconductors BUJD203AX Datasheet HTML 9Page - WeEn Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
WeEn Semiconductors
BUJD203AX
NPN power transistor with integrated diode
BUJD203AX
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2018. All rights reserved
Product data sheet
9 October 2018
3 / 13
6. Limiting values
Table 3. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCESM
collector-emitter peak
voltage
VBE = 0 V
-
850
V
VCBO
collector-base voltage
IE = 0 A
-
850
V
VCEO
collector-emitter voltage IB = 0 A
-
425
V
IC
collector current
DC; Fig. 1; Fig. 2; Fig. 3
-
4
A
ICM
peak collector current
Fig. 1; Fig. 2; Fig. 3
-
8
A
IB
base current
DC
-
2
A
IBM
peak base current
-
4
A
Ptot
total power dissipation
Th ≤ 25 °C; Fig. 4
-
26
W
Tstg
storage temperature
-65
150
°C
Tj
junction temperature
-
150
°C
VCEclamp (V)
0
1000
800
400
600
200
001aac000
4
6
2
8
10
IC
(A)
0
Fig. 1. Reverse bias safe operating area
001aab999
DUT
LC
LB
IBon
VBB
VCC
VCL(CE)
probe point
Fig. 2. Test circuit for reverse bias safe operating area
VCL(CE) ≤ 1000 V; VCC = 150 V; VBB = - 5 V;
LB = 1 µH; LC = 200 µH
Tj ≤ Tj(max) °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com