Electronic Components Datasheet Search
  English  ▼

X  

BUJD203AX Datasheet(PDF) 8 Page - WeEn Semiconductors

Part # BUJD203AX
Description  NPN power transistor with integrated diode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

BUJD203AX Datasheet(HTML) 8 Page - WeEn Semiconductors

Back Button BUJD203AX Datasheet HTML 4Page - WeEn Semiconductors BUJD203AX Datasheet HTML 5Page - WeEn Semiconductors BUJD203AX Datasheet HTML 6Page - WeEn Semiconductors BUJD203AX Datasheet HTML 7Page - WeEn Semiconductors BUJD203AX Datasheet HTML 8Page - WeEn Semiconductors BUJD203AX Datasheet HTML 9Page - WeEn Semiconductors BUJD203AX Datasheet HTML 10Page - WeEn Semiconductors BUJD203AX Datasheet HTML 11Page - WeEn Semiconductors BUJD203AX Datasheet HTML 12Page - WeEn Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
WeEn Semiconductors
BUJD203AX
NPN power transistor with integrated diode
BUJD203AX
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2018. All rights reserved
Product data sheet
9 October 2018
8 / 13
001aab996
VBEsat
(V)
IC (A)
10- 1
10
1
0.6
0.8
0.2
0.4
1.0
1.2
1.4
0
Fig. 10. Base-emitter saturation voltage as a function of
collector current; typical values
001aab994
IC (A)
10- 2
10
1
10- 1
10
102
hFE
1
VCE = 5 V
1 V
Tj = 25 °C
Fig. 11. DC current gain as a function of collector
current; typical values
001aab989
tp
RB
VIM
0
RL
DUT
VCC
T
Fig. 12. Test circuit for resistive load switching
001aab990
IC
IB
10 %
10 %
90 %
90 %
ton
toff
ts
tf
t
t
IBon
- IBoff
ICon
tr ≤ 30 ns
Fig. 13. Switching times waveforms for resistive load
IC / IB = 4
IC / IB = 4
VIM= - 6 to + 8 V; VCC = 250 V; tp = 20 us; δ = tp/T = 0.01
RB and RL calculated from ICon and IBon requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com