Electronic Components Datasheet Search
  English  ▼

X  

BUJD203AX Datasheet(PDF) 4 Page - WeEn Semiconductors

Part # BUJD203AX
Description  NPN power transistor with integrated diode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

BUJD203AX Datasheet(HTML) 4 Page - WeEn Semiconductors

  BUJD203AX Datasheet HTML 1Page - WeEn Semiconductors BUJD203AX Datasheet HTML 2Page - WeEn Semiconductors BUJD203AX Datasheet HTML 3Page - WeEn Semiconductors BUJD203AX Datasheet HTML 4Page - WeEn Semiconductors BUJD203AX Datasheet HTML 5Page - WeEn Semiconductors BUJD203AX Datasheet HTML 6Page - WeEn Semiconductors BUJD203AX Datasheet HTML 7Page - WeEn Semiconductors BUJD203AX Datasheet HTML 8Page - WeEn Semiconductors BUJD203AX Datasheet HTML 9Page - WeEn Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
WeEn Semiconductors
BUJD203AX
NPN power transistor with integrated diode
BUJD203AX
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2018. All rights reserved
Product data sheet
9 October 2018
4 / 13
001aac001
10- 1
10- 2
10
1
102
IC
(A)
10- 3
VCEclamp (V)
1
103
102
10
(1)
100 µs
200 µs
I(3)
tp = 20 µs
duty cycle = 0.01
50 µs
500 µs
DC
II(3)
III(3)
(2)
ICM(max)
IC(max)
1) Ptot maximum and Ptot peak maximum lines
2) Second breakdown limits
3) I = Region of permissable DC operation
II = Extension for repetitive pulse operation
III = Extension during turn-on in single transistor converters provided that RBE ≤ 100 Ω and tp ≤ 0.6 μs
Fig. 3. Forward bias safe operating area for Tmb ≤ 25 °C
03aa13
0
40
80
120
0
50
100
150
200
Th (°C)
Pder
(%)
Fig. 4. Normalized total power dissipation as a function of heatsink temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com