Electronic Components Datasheet Search
  English  ▼

X  

BUJD203AX Datasheet(PDF) 7 Page - WeEn Semiconductors

Part # BUJD203AX
Description  NPN power transistor with integrated diode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

BUJD203AX Datasheet(HTML) 7 Page - WeEn Semiconductors

Back Button BUJD203AX Datasheet HTML 3Page - WeEn Semiconductors BUJD203AX Datasheet HTML 4Page - WeEn Semiconductors BUJD203AX Datasheet HTML 5Page - WeEn Semiconductors BUJD203AX Datasheet HTML 6Page - WeEn Semiconductors BUJD203AX Datasheet HTML 7Page - WeEn Semiconductors BUJD203AX Datasheet HTML 8Page - WeEn Semiconductors BUJD203AX Datasheet HTML 9Page - WeEn Semiconductors BUJD203AX Datasheet HTML 10Page - WeEn Semiconductors BUJD203AX Datasheet HTML 11Page - WeEn Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
WeEn Semiconductors
BUJD203AX
NPN power transistor with integrated diode
BUJD203AX
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2018. All rights reserved
Product data sheet
9 October 2018
7 / 13
001aab987
horizontal
1 Ω
300 Ω
6 V
vertical
oscilloscope
50 V
100 Ω to 200 Ω
30 Hz to 60 Hz
Fig. 6. Test circuit for collector-emitter sustaining
voltage
001aab988
VCE (V)
min
VCEOsus
IC
(mA)
10
100
250
0
Fig. 7. Oscilloscope display for collector-emitter
sustaining voltage test waveform
IB (A)
10- 2
10
1
10- 1
001aab995
0.8
1.2
0.4
1.6
2.0
VCEsat
(V)
0
IC = 1 A
2 A 3 A
4 A
Fig. 8. Collector-emitter saturation voltage as a function
of base current; typical values
001aab997
VCEsat
(V)
IC (A)
10- 1
10
1
0.2
0.1
0.3
0.4
0.5
0
Fig. 9. Collector-emitter saturation voltage as a function
of collector current; typical values
Tj = 25 °C
IC / IB = 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com