Electronic Components Datasheet Search
  English  ▼

X  

BUJD203AX Datasheet(PDF) 5 Page - WeEn Semiconductors

Part # BUJD203AX
Description  NPN power transistor with integrated diode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

BUJD203AX Datasheet(HTML) 5 Page - WeEn Semiconductors

  BUJD203AX Datasheet HTML 1Page - WeEn Semiconductors BUJD203AX Datasheet HTML 2Page - WeEn Semiconductors BUJD203AX Datasheet HTML 3Page - WeEn Semiconductors BUJD203AX Datasheet HTML 4Page - WeEn Semiconductors BUJD203AX Datasheet HTML 5Page - WeEn Semiconductors BUJD203AX Datasheet HTML 6Page - WeEn Semiconductors BUJD203AX Datasheet HTML 7Page - WeEn Semiconductors BUJD203AX Datasheet HTML 8Page - WeEn Semiconductors BUJD203AX Datasheet HTML 9Page - WeEn Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
WeEn Semiconductors
BUJD203AX
NPN power transistor with integrated diode
BUJD203AX
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2018. All rights reserved
Product data sheet
9 October 2018
5 / 13
7. Thermal characteristics
Table 4. Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-h)
thermal resistance
from junction to
heatsink
with heatsink compound; Fig. 5
-
-
4.8
K/W
Rth(j-a)
thermal resistance
from junction to
ambient free air
in free air
-
55
-
K/W
001aag169
10- 2
10- 1
1
10
Zth(j-h)
(K/W)
10- 3
tp (s)
10- 6
102
10
10- 3
10- 5
1
10- 1
10- 2
10- 4
tp
tp
1/f
P
t
1/f
δ =
δ = 0.5
0.2
0.1
0.05
0.02
0
Fig. 5. Transient thermal impedance from junction to heatsink as a function of pulse duration
8. Isolation characteristics
Table 5. Isolation characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Visol(RMS)
RMS isolation voltage 50 Hz ≤ f ≤ 60 Hz; RH ≤ 65 %;
Th = 25 °C; from all terminals to
external heatsink; clean and dust free
-
-
2500
V
Cisol
isolation capacitance
Th = 25 °C; f = 1 MHz; from collector to
external heatsink
-
10
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com