Electronic Components Datasheet Search
  English  ▼

X  

EMC1822 Datasheet(PDF) 22 Page - Microchip Technology

Part # EMC1822
Description  Multi-Channel Low Voltage Temp Sensors with Shutdown
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1822 Datasheet(HTML) 22 Page - Microchip Technology

Back Button EMC1822 Datasheet HTML 18Page - Microchip Technology EMC1822 Datasheet HTML 19Page - Microchip Technology EMC1822 Datasheet HTML 20Page - Microchip Technology EMC1822 Datasheet HTML 21Page - Microchip Technology EMC1822 Datasheet HTML 22Page - Microchip Technology EMC1822 Datasheet HTML 23Page - Microchip Technology EMC1822 Datasheet HTML 24Page - Microchip Technology EMC1822 Datasheet HTML 25Page - Microchip Technology EMC1822 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 103 page
background image
Figure 7-2. Diode Configurations
Local
Ground
to
DP1
Typical remote
substrate transistor
e.g. CPU substrate
PNP
Typical remote
discrete NPN transistor
e.g. 2N3904
to
DN1
to DP2/DN3
to DN2/DP3
Anti-parallel connected
discrete NPN transistors
e.g. 2N3904
to
DP1
to
DN1
7.8
Power States
The EMC1822/23/24/25/43 devices have two power states: Active and Standby.
•
Active (Run) - In this state, the ADC is converting on all temperature channels at the programmed
conversion rate. The temperature data is updated at the end of every conversion and the limits are
checked. In the Active state, writing to the One-shot register has no effects.
•
Standby (One-shot) - While the device is in Standby, the host can initiate a conversion cycle on
demand. After the conversion cycle is complete, the device returns to the Standby state.
7.9
Conversion Rates
The EMC1822/23/24/25/43 devices may be configured for different conversion rates based on the system
requirements. The default conversion rate is four conversions per second. Other available conversion
rates are shown in the Conversion Rate table.
Table 7-4. Conversion Rate
CONV<3:0>
Conversions/ Second
HEX
3
2
1
0
0h
0
0
0
0
1/16
1h
0
0
0
1
1/8
2h
0
0
1
0
1/4
3h
0
0
1
1
1/2
Multi-Channel Low Voltage Temp Sens...
System Block Diagram
© 2018 Microchip Technology Inc.
Datasheet
DS20006048A-page 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com