Electronic Components Datasheet Search
  English  ▼

X  

EMC1822 Datasheet(PDF) 28 Page - Microchip Technology

Part # EMC1822
Description  Multi-Channel Low Voltage Temp Sensors with Shutdown
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1822 Datasheet(HTML) 28 Page - Microchip Technology

Back Button EMC1822 Datasheet HTML 24Page - Microchip Technology EMC1822 Datasheet HTML 25Page - Microchip Technology EMC1822 Datasheet HTML 26Page - Microchip Technology EMC1822 Datasheet HTML 27Page - Microchip Technology EMC1822 Datasheet HTML 28Page - Microchip Technology EMC1822 Datasheet HTML 29Page - Microchip Technology EMC1822 Datasheet HTML 30Page - Microchip Technology EMC1822 Datasheet HTML 31Page - Microchip Technology EMC1822 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 103 page
background image
...........continued
Setting
Factor
Setting
Factor
Setting
Factor
0Ch
0.9921
1Ch
1.0132
2Ch
1.0343
0Dh
0.9934
1Dh
1.0146
2Dh
1.0356
0Eh
0.9947
1Eh
1.0159
2Eh
1.0369
0Fh
0.9960
1Fh
1.0173
2Fh
1.0382
10h
0.9973
20h
1.0187
30h
1.0395
11h
0.9986
21h
1.0200
31h
1.0408
12h
1.0000
22h
1.0213
32h
1.0421
13h
1.0013
23h
1.0226
33h
1.0434
14h
1.0026
24h
1.0239
34h
1.0447
15h
1.0039
25h
1.0252
35h
1.0460
16h
1.0053
26h
1.0265
36h
1.0473
17h
1.0066
27h
1.0278
37h
1.0486
7.15
Diode Faults
The EMC1822/23/24/25/43 devices detect an open on the DP and DN pins, and a short across the DP
and DN pins. For each temperature measurement made, the device checks for a Diode Fault on the
external diode channel(s). When a Diode Fault is detected, the ALERT pin asserts (unless masked) and
the temperature data reads 00h in the MSB and LSB registers (note that the low limit is not be checked).
A Diode Fault is defined as one of the following: an open between DP and DN, a short from VDD to DP, or
a short from VDD to DN.
If a short occurs across DP and DN or a short occurs from DP to GND, the low limit Status bit is not set
and the ALERT pin does not assert. This condition is indistinguishable from a temperature measurement
of 0.000°C (-64°C in extended range) resulting in temperature data of 00h in the MSB and LSB registers.
If a short from DN to GND occurs (with a diode connected), temperature measurements will continue as
normal with no alerts.
7.16
Consecutive Alerts
The EMC1822/23/24/25/43 device family contains multiple consecutive alert counters. One set of
counters applies to the ALERT pin and the second set of counters applies to the THERM pin. Each
temperature measurement channel has a separate consecutive alert counter for each of the ALERT and
THERM pins. All counters are user programmable and determine the number of consecutive
measurements that a temperature channel(s) must be out-of-limit or reporting a Diode Fault before the
corresponding pin is asserted.
The Consecutive Alert register determines how many times an out-of-limit error or Diode Fault must be
detected in consecutive measurements before the ALERT or THERM pin is asserted.
Multi-Channel Low Voltage Temp Sens...
System Block Diagram
© 2018 Microchip Technology Inc.
Datasheet
DS20006048A-page 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com