Electronic Components Datasheet Search
  English  ▼

X  

EMC1822 Datasheet(PDF) 29 Page - Microchip Technology

Part # EMC1822
Description  Multi-Channel Low Voltage Temp Sensors with Shutdown
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1822 Datasheet(HTML) 29 Page - Microchip Technology

Back Button EMC1822 Datasheet HTML 25Page - Microchip Technology EMC1822 Datasheet HTML 26Page - Microchip Technology EMC1822 Datasheet HTML 27Page - Microchip Technology EMC1822 Datasheet HTML 28Page - Microchip Technology EMC1822 Datasheet HTML 29Page - Microchip Technology EMC1822 Datasheet HTML 30Page - Microchip Technology EMC1822 Datasheet HTML 31Page - Microchip Technology EMC1822 Datasheet HTML 32Page - Microchip Technology EMC1822 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 103 page
background image
An out-of-limit condition (for example, HIGH, LOW, or FAULT) occurring on the same temperature
channel in consecutive measurements will increment the consecutive alert counter. The counters will also
be reset if no out-of-limit condition or Diode Fault condition occurs in a consecutive reading.
When the ALERT pin is configured as an interrupt and when the consecutive alert counter reaches its
programmed value, the following occurs: the Status bit(s) for that channel and the last error condition(s)
(for example, E1HIGH, or E2LOW and/or E2FAULT) are set to ‘1’, the ALERT pin is asserted, the
consecutive alert counter is cleared and measurements continue to be performed.
When the ALERT pin is configured as a comparator, the consecutive alert counter will ignore Diode Fault
and low limit errors and only increment if the measured temperature exceeds the high limit. Additionally,
once the consecutive alert counter reaches the programmed limit, the ALERT pin is asserted, but the
counter does not reset. It remains set until the temperature drops below the high limit minus the Therm
Hysteresis value.
Channels that are not enabled are not included in the consecutive alert checking. The signal logic chain
is: Limit → Counter → Status → Mask → Pin (THERM and ALERT).
For example, if the CALRT<2:0> bits are set for four consecutive alerts on an EMC1822/23/24/25/43
device, the high limits are set at +70°C and none of the channels are masked, then the ALERT pin is
asserted after the following five measurements:
•
Internal Diode reads +71°C and both the external diodes read +69°C. Consecutive alert counter for
INT is incremented to 1.
•
Both the Internal Diode and the External Diode 1 read +71°C and External Diode 2 reads +68°C.
Consecutive alert counter for INT is incremented to 2 and for EXT1 is set to 1.
•
The External Diode 1 reads +71°C and both Internal Diode and External Diode 2 read +69°C.
Consecutive alert counters for INT and EXT2 are cleared and EXT1 is incremented to 2.
•
The Internal Diode reads +71°C and both external diodes read +71°C. Consecutive alert counter for
INT is set to 1, EXT2 is set to 1 and EXT1 is incremented to 3.
•
The Internal Diode reads +71°C and both external diodes read +71°C. Consecutive alert counter for
INT is incremented to 2, EXT2 is set to 2 and EXT1 is incremented to 4. The appropriate Status bits
are set for EXT and the ALERT pin is asserted. EXT1 counter is reset to 0 and all other counters
hold the last value until the next temperature measurement.
All temperature channels use this value to set the respective counters. The consecutive Therm counter is
incremented whenever any measurement exceeds the corresponding Therm limit.
If the temperature drops below the Therm limit, the counter is reset. If a number of consecutive
measurements above the Therm limit occurs, the THERM pin is asserted low.
Once the THERM pin has been asserted, the consecutive Therm counter will not reset until the
corresponding temperature drops below the Therm limit minus the Therm Hysteresis value.
The bits are decoded as shown in the table below. The default setting is four consecutive out-of-limit
conversions.
All temperature channels use this value to set the respective counters. The bits are decoded as shown in
the table below. The default setting is 1 consecutive out-of-limit conversion.
When the ALERT pin is in Comparator mode, the low limit and Diode Fault will bypass the consecutive
alert counter and set the appropriate Status bits, but will NOT assert the ALERT pin.
When a value is written to 8.11.23 CONSEC ALERT (Address 22h) that is not defined below, the
command is ignored and the last valid value is maintained.
Multi-Channel Low Voltage Temp Sens...
System Block Diagram
© 2018 Microchip Technology Inc.
Datasheet
DS20006048A-page 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com