Electronic Components Datasheet Search
  English  ▼

X  

EMC1822 Datasheet(PDF) 47 Page - Microchip Technology

Part # EMC1822
Description  Multi-Channel Low Voltage Temp Sensors with Shutdown
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1822 Datasheet(HTML) 47 Page - Microchip Technology

Back Button EMC1822 Datasheet HTML 43Page - Microchip Technology EMC1822 Datasheet HTML 44Page - Microchip Technology EMC1822 Datasheet HTML 45Page - Microchip Technology EMC1822 Datasheet HTML 46Page - Microchip Technology EMC1822 Datasheet HTML 47Page - Microchip Technology EMC1822 Datasheet HTML 48Page - Microchip Technology EMC1822 Datasheet HTML 49Page - Microchip Technology EMC1822 Datasheet HTML 50Page - Microchip Technology EMC1822 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 103 page
background image
8.11.6
Configuration Register (Addresses 03h and 09h)
Name: 
CONFIG
Offset: 
0x03, 0x09
Bit
7
6
5
4
3
2
1
0
MSKAL
R/S
AT/THM
RECD1/2
RECD3/4
RANGE
DA_ENA
APDD
Access
RW
RW
RW
RW
RW
RW
RW
RW
Reset
0
0
0
0
0
0
0
0
Bit 7 – MSKAL Masks the ALERT pin from asserting when the ALERT pin is in Interrupt mode.
This bit has no effect when the ALERT pin is in Comparator mode.
Value
Description
1
The ALERT pin is masked and will not be asserted for any interrupt condition when the
ALERT pin is in Interrupt mode. The Status Registers will be updated normally.
0
The ALERT pin is not masked. If any of the appropriate Status bits are set, the ALERT pin
will be asserted.
Bit 6 – R/S Controls Run/Stop states.
Value
Description
1
The device is in Stop (standby) state and not converting (unless a one-shot has been
commanded)
0
The device is in Run (active) state and converting on all channels
Bit 5 – AT/THM Controls the operation of the ALERT pin.
When the ALERT pin is in Comparator mode, each channel has a consecutive counter OR’ed to assert
the ALERT pin. The ALERT pin is deasserted after one measurement is below the high limit minus the
Therm Hysteresis.
Value
Description
1
The ALERT pin acts in Comparator mode as described in 7.5.2 ALERT/THERM2 Pin in
Therm Mode. In this mode the MASK_ALL bit is ignored.
0
The ALERT pin acts in Interrupt mode as described in 7.5.1 ALERT/THERM2 Pin Interrupt
Mode
Bit 4 – RECD1/2 Disables the Resistance Error Correction (REC) for the DP1/DN1 pins.
Value
Description
1
REC is disabled for the DP1/DN1 and DP2/DN2 pins
0
REC is enabled for the DP1/DN1 and DP2/DN2 pins
Bit 3 – RECD3/4 Disables the Resistance Error Correction (REC) for the DP2/DN2 pins.
Value
Description
1
REC is disabled for the DP2/DN2 and DP4/DN4 pins
0
REC is enabled for the DP2/DN2 and DP4/DN4 pins
Bit 2 – RANGE Configures the measurement range and data format of the temperature channels.
Value
Description
1
The temperature measurement range is -64°C to +191.875°C and the data format is offset
binary (see Table 7-1)
Multi-Channel Low Voltage Temp Sens...
System Management Bus Protocol
© 2018 Microchip Technology Inc.
Datasheet
DS20006048A-page 47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com