Electronic Components Datasheet Search
  English  ▼

X  

EMC1822 Datasheet(PDF) 30 Page - Microchip Technology

Part # EMC1822
Description  Multi-Channel Low Voltage Temp Sensors with Shutdown
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1822 Datasheet(HTML) 30 Page - Microchip Technology

Back Button EMC1822 Datasheet HTML 26Page - Microchip Technology EMC1822 Datasheet HTML 27Page - Microchip Technology EMC1822 Datasheet HTML 28Page - Microchip Technology EMC1822 Datasheet HTML 29Page - Microchip Technology EMC1822 Datasheet HTML 30Page - Microchip Technology EMC1822 Datasheet HTML 31Page - Microchip Technology EMC1822 Datasheet HTML 32Page - Microchip Technology EMC1822 Datasheet HTML 33Page - Microchip Technology EMC1822 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 103 page
background image
Table 7-10. Consecutive ALERT/ THERM Settings
2
1
0
Number of consecutive Out-of-Limit measurements
0
0
0
1
(default for CALRT<2:0>)
0
0
1
2
0
1
1
3
1
1
1
4
(default for CTHRM<2:0>)
7.17
“Hottest Of” Comparison
At the end of every measurement cycle, the EMC1822/23/24/25/43 devices compare all of the user-
selectable internal and external diode channels to determine which of these channels is reporting the
hottest temperature. The hottest temperature is stored in the Hottest Temperature registers and the
appropriate Status bit is set in the Hottest Status register. If multiple temperature channels measure the
same temperature and are equal to the hottest temperature, the hottest status will be displayed for all
selected temperature channels with the hottest temperature measurement.
As an optional feature, the EMC1822/23/24/25/43 devices can also flag an event if the hottest
temperature channel changes by enabling the REMHOT (Remember Hottest) bit (see 8.11.45 HOTTEST
CONFIG). For example, suppose that external diode channels 1, 3 and 4 are programmed to be
compared in the “Hottest Of” Comparison. If the External Diode 1 channel reports the hottest temperature
of the three, its temperature is copied into the Hottest Temperature registers (in addition to the External
Diode 1 Temperature registers) and it is flagged in the Hottest Status bit. If, on the next measurement, the
External Diode 3 channel temperature has increased such that it is now the hottest temperature, the
EMC1822/23/24/25/43 devices can flag this event as an interrupt condition and assert the ALERT pin.
7.18
Rate of Change
The Rate of Change (ROC) function approximates the derivative of the temperature using a difference
equation. The equation below is the basis for calculation.
The ROC can be enabled for the first two standard diode connections. If Diode 2 is an anti-parallel
connected diode, the ROC feature is applied to diode 3. For the EMC1843 the ROC only applies to
External Diode 1.
Rate of Change
▵
��
▵
��= ����max −����0 ×��������
������������−1
Where:
T(tmax)
=
temperature at the end of the interval
T(t0)
=
temperature at the beginning of the interval
The ROC period (T0 to Tmax) can be approximated by the combination of conversion rate (see Table 7-4)
and ROC samples (address 43h, 48h). The table below shows the samples defined by the bit settings.
Multi-Channel Low Voltage Temp Sens...
System Block Diagram
© 2018 Microchip Technology Inc.
Datasheet
DS20006048A-page 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com