Electronic Components Datasheet Search
  English  ▼

X  

SSD1306 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # SSD1306
Description  128 x 64 Dot Matrix OLED/PLED Segment/Common Driver with Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1306 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button SSD1306 Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 11Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 12Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 13Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 14Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 15Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 16Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 65 page
background image
SSD1306
Rev 1.1
P 13/59
Apr 2008
Solomon Systech
7
PIN DESCRIPTION
Key:
I = Input
NC = Not Connected
O =Output
Pull LOW= connect to Ground
I/O = Bi-directional (input/output) Pull HIGH= connect to VDD
P = Power pin
Figure 7-1 Pin Description
Pin Name
Type
Description
VDD
P
Power supply pin for core logic operation.
VCC
P
Power supply for panel driving voltage. This is also the most positive power voltage
supply pin.
VSS
P
This is a ground pin.
VLSS
P
This is an analog ground pin. It should be connected to VSS externally.
VCOMH
O
The pin for COM signal deselected voltage level.
A capacitor should be connected between this pin and VSS.
VBAT
P
Reserved pin. It should be connected to VDD.
BGGND
P
Reserved pin. It should be connected to ground.
C1P/C1N
C2P/C2N
I
Reserved pin. It should be kept NC.
VBREF
P
Reserved pin. It should be kept NC.
BS[2:0]
I
MCU bus interface selection pins. Please refer to Table 7-1 for the details of setting.
IREF
I
This is segment output current reference pin.
A resistor should be connected between this pin and VSS to maintain the IREF current at
12.5 uA. Please refer to Figure 8-15 for the details of resistor value.
FR
O
This pin outputs RAM write synchronization signal. Proper timing between MCU data
writing and frame display timing can be achieved to prevent tearing effect.
It should be kept NC if it is not used. Please refer to Section 8.4 for details usage.
CL
I
This is external clock input pin.
When internal clock is enabled (i.e. HIGH in CLS pin), this pin is not used and should be
connected to VSS. When internal clock is disabled (i.e. LOW in CLS pin), this pin is the
external clock source input pin.
CLS
I
This is internal clock enable pin. When it is pulled HIGH (i.e. connect to VDD), internal
clock is enabled. When it is pulled LOW, the internal clock is disabled; an external clock
source must be connected to the CL pin for normal operation.
RES#
I
This pin is reset signal input. When the pin is pulled LOW, initialization of the chip is
executed. Keep this pin HIGH (i.e. connect to VDD) during normal operation.
CS#
I
This pin is the chip select input. (active LOW).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com