Electronic Components Datasheet Search
  English  ▼

X  

SSD1306 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SSD1306
Description  128 x 64 Dot Matrix OLED/PLED Segment/Common Driver with Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1306 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SSD1306 Datasheet HTML 2Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 3Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 4Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 5Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 65 page
background image
Solomon Systech
Apr 2008
P 6/59
Rev 1.1
SSD1306
1
GENERAL DESCRIPTION
SSD1306 is a single-chip CMOS OLED/PLED driver with controller for organic / polymer light emitting
diode dot-matrix graphic display system. It consists of 128 segments and 64commons. This IC is
designed for Common Cathode type OLED panel.
The SSD1306 embeds with contrast control, display RAM and oscillator, which reduces the number of
external components and power consumption. It has 256-step brightness control. Data/Commands are
sent from general MCU through the hardware selectable 6800/8000 series compatible Parallel Interface,
I2C interface or Serial Peripheral Interface. It is suitable for many compact portable applications, such as
mobile phone sub-display, MP3 player and calculator, etc.
2
FEATURES
• Resolution: 128 x 64 dot matrix panel
• Power supply
o
VDD = 1.65V to 3.3V for IC logic
o
VCC = 7V to 15V
for Panel driving
• For matrix display
o
OLED driving output voltage, 15V maximum
o
Segment maximum source current: 100uA
o
Common maximum sink current: 15mA
o
256 step contrast brightness current control
• Embedded 128 x 64 bit SRAM display buffer
• Pin selectable MCU Interfaces:
o
8-bit 6800/8080-series parallel interface
o
3 /4 wire Serial Peripheral Interface
o
I2C Interface
• Screen saving continuous scrolling function in both horizontal and vertical direction
• RAM write synchronization signal
• Programmable Frame Rate and Multiplexing Ratio
• Row Re-mapping and Column Re-mapping
• On-Chip Oscillator
• Chip layout for COG & COF
•
Wide range of operating temperature: -40
°C to 85°C
3
ORDERING INFORMATION
Table 3-1: Ordering Information
Ordering Part Number SEG
COM
Package Form Reference Remark
SSD1306Z
128
64
COG
8
o
Min SEG pad pitch : 47um
o
Min COM pad pitch : 40um
o
Die thickness: 300 +/- 25um
SSD1306TR1
104
48
TAB
11, 56
o
35mm film, 4 sprocket hole, Folding TAB
o
8-bit 80 / 8-bit 68 / SPI / I2C interface
o
SEG, COM lead pitch 0.1mm x 0.997
=0.0997mm
o
Die thickness: 457 +/- 25um



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com