Electronic Components Datasheet Search
  English  ▼

X  

SSD1306 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # SSD1306
Description  128 x 64 Dot Matrix OLED/PLED Segment/Common Driver with Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1306 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button SSD1306 Datasheet HTML 28Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 29Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 30Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 31Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 32Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 33Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 34Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 35Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 65 page
background image
Solomon Systech
Apr 2008 P 32/59
Rev 1.1
SSD1306
5. Timing & Driving Scheme Setting Command Table
D/C#Hex
D7
D6
D5
D4
D3
D2
D1
D0
Command
Description
0
D5
1
1
0
1
0
1
0
1
0
A[7:0]
A7
A6
A5
A4
A3
A2
A1
A0
Set Display Clock
Divide
Ratio/Oscillator
Frequency
A[3:0] : Define the divide ratio (D) of the
display clocks (DCLK):
Divide ratio= A[3:0] + 1, RESET is
0000b (divide ratio = 1)
A[7:4] : Set the Oscillator Frequency, FOSC.
Oscillator Frequency increases with
the value of A[7:4] and vice versa.
RESET is 1000b
Range:0000b~1111b
Frequency increases as setting value
increases.
0
D9
1
1
0
1
1
0
0
1
0
A[7:0]
A7
A6
A5
A4
A3
A2
A1
A0
Set Pre-charge Period A[3:0] : Phase 1 period of up to 15 DCLK
clocks 0 is invalid entry
(RESET=2h)
A[7:4] : Phase 2 period of up to 15 DCLK
clocks 0 is invalid entry
(RESET=2h )
0
DB
1
1
0
1
1
0
1
1
0
A[6:4]
0
A6
A5
A4
0
0
0
0
Set VCOMH Deselect
Level
A[6:4] Hex
code
V COMH deselect level
000b
00h
~ 0.65 x VCC
010b
20h
~ 0.77 x VCC (RESET)
011b
30h
~ 0.83 x VCC
0
E3
1
1
1
0
0
0
1
1 NOP
Command for no operation
Note
(1) “*” stands for “Don’t care”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com