Electronic Components Datasheet Search
  English  ▼

X  

SSD1306 Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # SSD1306
Description  128 x 64 Dot Matrix OLED/PLED Segment/Common Driver with Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1306 Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button SSD1306 Datasheet HTML 33Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 34Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 35Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 36Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 37Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 38Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 39Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 40Page - List of Unclassifed Manufacturers SSD1306 Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 65 page
background image
SSD1306
Rev 1.1
P 37/59
Apr 2008
Solomon Systech
10.1.9
Entire Display ON (A4h/A5h)
A4h command enable display outputs according to the GDDRAM contents.
If A5h command is issued, then by using A4h command, the display will resume to the GDDRAM contents.
In other words, A4h command resumes the display from entire display “ON” stage.
A5h command forces the entire display to be “ON”, regardless of the contents of the display data RAM.
10.1.10 Set Normal/Inverse Display (A6h/A7h)
This command sets the display to be either normal or inverse. In normal display a RAM data of 1 indicates an
“ON” pixel while in inverse display a RAM data of 0 indicates an “ON” pixel.
10.1.11 Set Multiplex Ratio (A8h)
This command switches the default 63 multiplex mode to any multiplex ratio, ranging from 16 to 63. The
output pads COM0~COM63 will be switched to the corresponding COM signal.
10.1.12 Set Display ON/OFF (AEh/AFh)
These single byte commands are used to turn the OLED panel display ON or OFF.
When the display is ON, the selected circuits by Set Master Configuration command will be turned ON.
When the display is OFF, those circuits will be turned OFF and the segment and common output are in VSS
state and high impedance state, respectively. These commands set the display to one of the two states:
o
AEh : Display OFF
o
AFh : Display ON
Figure 10-6 :Transition between different modes
10.1.13 Set Page Start Address for Page Addressing Mode (B0h~B7h)
This command positions the page start address from 0 to 7 in GDDRAM under Page Addressing Mode.
Please refer to Table 9-1 and Section 10.1.3 for details.
10.1.14 Set COM Output Scan Direction (C0h/C8h)
This command sets the scan direction of the COM output, allowing layout flexibility in the OLED module
design. Additionally, the display will show once this command is issued. For example, if this command is
sent during normal display then the graphic display will be vertically flipped immediately. Please refer to
Table 10-3 for details.
10.1.15 Set Display Offset (D3h)
This is a double byte command. The second command specifies the mapping of the display start line to one of
COM0~COM63 (assuming that COM0 is the display start line then the display start line register is equal to 0).
For example, to move the COM16 towards the COM0 direction by 16 lines the 6-bit data in the second byte
should be given as 010000b. To move in the opposite direction by 16 lines the 6-bit data should be given by
64 – 16, so the second byte would be 100000b. The following two tables (Table 10-1, Table 10-2) show the
example of setting the command C0h/C8h and D3h.
Normal mode
Sleep mode
AFh
AEh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com