Electronic Components Datasheet Search
  English  ▼

X  

HMA41GR7AFR4N Datasheet(PDF) 60 Page - Hynix Semiconductor

Part # HMA41GR7AFR4N
Description  DDR4 SDRAM Registered DIMM Based on 4Gb A-die
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMA41GR7AFR4N Datasheet(HTML) 60 Page - Hynix Semiconductor

Back Button HMA41GR7AFR4N Datasheet HTML 56Page - Hynix Semiconductor HMA41GR7AFR4N Datasheet HTML 57Page - Hynix Semiconductor HMA41GR7AFR4N Datasheet HTML 58Page - Hynix Semiconductor HMA41GR7AFR4N Datasheet HTML 59Page - Hynix Semiconductor HMA41GR7AFR4N Datasheet HTML 60Page - Hynix Semiconductor HMA41GR7AFR4N Datasheet HTML 61Page - Hynix Semiconductor HMA41GR7AFR4N Datasheet HTML 62Page - Hynix Semiconductor HMA41GR7AFR4N Datasheet HTML 63Page - Hynix Semiconductor HMA41GR7AFR4N Datasheet HTML 64Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 79 page
background image
Rev. 1.0 / Mar.2016
53
IDD6R
Self-Refresh Current: Reduced Temperature Range
TCASE: 0 - TBD (~35-45)°C; Low Power Array Self Refresh (LP ASR) : Reduced4; CKE: Low;
External clock: Off; CK_t and CK_c#: LOW; CL: see Table 1; BL: 81; AL: 0; CS_n#, Command,
Address, Bank Group Address, Bank Address, Data IO: High; DM_n:stable at 1; Bank Activity:
Extended Temperature Self-Refresh operation; Output Buffer and RTT: Enabled in Mode Registers2;
ODT Signal: MID-LEVEL
IPP6R
Self Refresh IPP Current: Reduced Temperature Range
Same condition with IDD6R
IDD6A
Auto Self-Refresh Current
TCASE: 0 - 95°C; Low Power Array Self Refresh (LP ASR) : Auto4; CKE: Low; External clock: Off;
CK_t and CK_c#: LOW; CL: see Table 1; BL: 81; AL: 0; CS_n#, Command, Address, Bank Group
Address, Bank Address, Data IO: High; DM_n:stable at 1; Bank Activity: Auto Self-Refresh
operation; Output Buffer and RTT: Enabled in Mode Registers2; ODT Signal: MID-LEVEL
IPP6A
Auto Self-Refresh IPP Current
Same condition with IDD6A
IDD7
Operating Bank Interleave Read Current
CKE: High; External clock: On; tCK, nRC, nRAS, nRCD, nRRD, nFAW, CL: see Table 1; BL: 81; AL:
CL-1; CS_n: High between ACT and RDA; Command, Address, Bank Group Address, Bank Address
Inputs: partially toggling according to Table 10; Data IO: read data bursts with different data between
one burst and the next one according to Table 10; DM_n: stable at 1; Bank Activity: two times
interleaved cycling through banks (0, 1, ...7) with different addressing, see Table 10; Output Buffer and
RTT: Enabled in Mode Registers2; ODT Signal: stable at 0; Pattern Details: see Table 10
IPP7
Operating Bank Interleave Read IPP Current
Same condition with IDD7
IDD8
Maximum Power Down Current
TBD
IPP8
Maximum Power Down IPP Current
Same condition with IDD8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com