Electronic Components Datasheet Search
  English  ▼

X  

HMA41GR7AFR4N Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # HMA41GR7AFR4N
Description  DDR4 SDRAM Registered DIMM Based on 4Gb A-die
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMA41GR7AFR4N Datasheet(HTML) 3 Page - Hynix Semiconductor

  HMA41GR7AFR4N Datasheet HTML 1Page - Hynix Semiconductor HMA41GR7AFR4N Datasheet HTML 2Page - Hynix Semiconductor HMA41GR7AFR4N Datasheet HTML 3Page - Hynix Semiconductor HMA41GR7AFR4N Datasheet HTML 4Page - Hynix Semiconductor HMA41GR7AFR4N Datasheet HTML 5Page - Hynix Semiconductor HMA41GR7AFR4N Datasheet HTML 6Page - Hynix Semiconductor HMA41GR7AFR4N Datasheet HTML 7Page - Hynix Semiconductor HMA41GR7AFR4N Datasheet HTML 8Page - Hynix Semiconductor HMA41GR7AFR4N Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 79 page
background image
Rev. 1.6 / Mar.2016
3
Description
SK hynix Registered DDR4 SDRAM DIMMs (Registered Double Data Rate Synchronous DRAM Dual In-Line
Memory Modules) are low power, high-speed operation memory modules that use DDR4 SDRAM devices.
These Registered SDRAM DIMMs are intended for use as main memory when installed in systems such as
servers and workstations.
Features
• Power Supply: VDD=1.2V (1.14V to 1.26V)
• VDDQ = 1.2V (1.14V to 1.26V)
• VPP - 2.5V (2.375V to 2.75V)
• VDDSPD=2.25V to 2.75V
• Functionality and operations comply with the DDR4 SDRAM datasheet
• 16 internal banks
• Bank Grouping is applied, and CAS to CAS latency (tCCD_L, tCCD_S) for the banks in the same or dif-
ferent bank group accesses are available
• Data transfer rates: PC4-2666, PC4-2400, PC4-2133
• Bi-Directional Differential Data Strobe
• 8 bit pre-fetch
• Burst Length (BL) switch on-the-fly BL8 or BC4(Burst Chop)
• Supports ECC error correction and detection
• On-Die Termination (ODT)
• Temperature sensor with integrated SPD
• This product is in compliance with the RoHS directive.
• Per DRAM Addressability is supported
• Internal Vref DQ level generation is available
• Write CRC is supported at all speed grades
• DBI (Data Bus Inversion) is supported(x8)
• CA parity (Command/Address Parity) mode is supported
Ordering Information
Part Number
Density
Organization
Component Composition
# of
ranks
HMA451R7AFR8N-TF/UH/VK
4GB
512Mx72
512Mx8(H5AN4G8NAFR)*9
1
HMA41GR7AFR8N-TF/UH/VK
8GB
1Gx72
512Mx8(H5AN4G8NAFR)*18
2
HMA41GR7AFR4N-TF/UH/VK
8GB
1Gx72
1Gx4(H5AN4G4NAFR)*18
1
HMA42GR7AFR4N-TF/UH/VK
16GB
2Gx72
1Gx4(H5AN4G4NAFR)*36
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com