Electronic Components Datasheet Search
  English  ▼

X  

HMA41GR7AFR4N Datasheet(PDF) 21 Page - Hynix Semiconductor

Part # HMA41GR7AFR4N
Description  DDR4 SDRAM Registered DIMM Based on 4Gb A-die
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMA41GR7AFR4N Datasheet(HTML) 21 Page - Hynix Semiconductor

Back Button HMA41GR7AFR4N Datasheet HTML 17Page - Hynix Semiconductor HMA41GR7AFR4N Datasheet HTML 18Page - Hynix Semiconductor HMA41GR7AFR4N Datasheet HTML 19Page - Hynix Semiconductor HMA41GR7AFR4N Datasheet HTML 20Page - Hynix Semiconductor HMA41GR7AFR4N Datasheet HTML 21Page - Hynix Semiconductor HMA41GR7AFR4N Datasheet HTML 22Page - Hynix Semiconductor HMA41GR7AFR4N Datasheet HTML 23Page - Hynix Semiconductor HMA41GR7AFR4N Datasheet HTML 24Page - Hynix Semiconductor HMA41GR7AFR4N Datasheet HTML 25Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 79 page
background image
Rev. 1.6 / Mar.2016
21
16GB, 2Gx72 Module(2Rank of x4) - UH page2
DQS4_t
DQS4_c
DQ [35:32]
DQS5_t
DQS5_c
DQ [43:40]
DQS6_t
DQS6_c
DQ [51:48]
DQS7_t
DQS7_c
DQ [59:56]
DQS_t
DQS_c
DQ [3:0]
D13
ZQ
DQS_t
DQS_c
DQ [3:0]
D14
ZQ
DQS_t
DQS_c
DQ [3:0]
D15
ZQ
DQS_t
DQS_c
DQ [3:0]
D16
ZQ
D0–D35
VPP
VDD
VDDSPD
D0–D35
VREFCA
SPD
VTT
VSS
D0–D35
D0–D35
Note:
1. Unless otherwize noted, resistor values are 15 Ω±5%.
2. See the Net Structure diagrams for all resistor associated with the command, address and control bus.
3. ZQ resistors are 240 Ω±1%.For all other resistor values refer to the appropriate wiring diagram.
4. DRAM TEN pin need to be tied to VSS.
5. VDDSPD also connects to the register (RCD).
6. VREFCA from the edge connector only connects with the register (RCD). The RCD sources a separate VREFCA to all the SDRAMs.
VSS
VSS
VSS
VSS
QBCS1_n
QBODT1
QBCKE1
DQS_t
DQS_c
DQ [3:0]
D31
ZQ
DQS_t
DQS_c
DQ [3:0]
D32
ZQ
DQS_t
DQS_c
DQ [3:0]
D33
ZQ
DQS_t
DQS_c
DQ [3:0]
D34
ZQ
VSS
VSS
VSS
VSS
DQS13_t
DQS13_c
DQ [39:36]
DQS14_t
DQS14_c
DQ [47:44]
DQS15_t
DQS15_c
DQ [55:52]
DQS16_t
DQS16_c
DQ [63:60]
DQS_t
DQS_c
DQ [3:0]
D4
ZQ
DQS_t
DQS_c
DQ [3:0]
D5
ZQ
DQS_t
DQS_c
DQ [3:0]
D6
ZQ
DQS_t
DQS_c
DQ [3:0]
D7
ZQ
VSS
VSS
VSS
VSS
DQS_t
DQS_c
DQ [3:0]
D22
ZQ
DQS_t
DQS_c
DQ [3:0]
D23
ZQ
DQS_t
DQS_c
DQ [3:0]
D24
ZQ
DQS_t
DQS_c
DQ [3:0]
D25
ZQ
VSS
VSS
VSS
VSS
QBCS0_n
QBODT0
QBCKE0
SA0
Serial PD with Thermal sensor
SA1
SA0
SA1
SCL
EVENT_n
SA2
SA2
EVENT_n
SCL
SDA
SDA
SA0 SA1
SA0
SA1
BFUNC
SA2
SA2
VSS
SCL
SDA
1K Ω
±5%
RCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com