Electronic Components Datasheet Search
  English  ▼

X  

EPC2019 Datasheet(PDF) 2 Page - Espros Photonics corp

Part # EPC2019
Description  Enhancement Mode Power Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC2019 Datasheet(HTML) 2 Page - Espros Photonics corp

  EPC2019 Datasheet HTML 1Page - Espros Photonics corp EPC2019 Datasheet HTML 2Page - Espros Photonics corp EPC2019 Datasheet HTML 3Page - Espros Photonics corp EPC2019 Datasheet HTML 4Page - Espros Photonics corp EPC2019 Datasheet HTML 5Page - Espros Photonics corp EPC2019 Datasheet HTML 6Page - Espros Photonics corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
eGaN® FET DATASHEET
EPC2019
EPC – THE LEADER IN GaN TECHNOLOGY | WWW.EPC-CO.COM | COPYRIGHT 2019 |
| 2
40
35
30
25
20
15
10
5
0
0
1
2
3
4
5
6
Figure 1: Typical Output Characteristics at 25°C
VDS – Drain-to-Source Voltage (V)
VGS = 5 V
VGS = 4 V
VGS = 3 V
VGS = 2 V
120
100
80
60
40
20
0
Figure 3: RDS(on) vs. VGS for Various Drain Currents
ID = 4 A
ID = 8 A
ID = 12 A
ID = 24 A
VGS – Gate-to-Source Voltage (V)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VGS– Gate-to-Source Voltage (V)
Figure 2: Transfer Characteristics
25˚C
125˚C
VDS = 6 V
40
35
30
25
20
15
10
5
0
1.0
0.5
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
120
100
80
60
40
20
0
Figure 4: RDS(on) vs. VGS for Various Temperatures
VGS – Gate-to-Source Voltage (V)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
25˚C
125˚C
ID = 7 A
Dynamic Characteristics (TJ = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CISS
Input Capacitance
VGS = 100 V, VDS = 0 V
200
270
pF
COSS
Output Capacitance
110
150
CRSS
Reverse Transfer Capacitance
0.7
1
RG
Gate Resistance
0.4
Ω
QG
Total Gate Charge
VDS = 100 V, VGS = 5 V, ID = 7 A
1.8
2.5
nC
QGS
Gate-to-Source Charge
VDS = 100 V, ID = 7 A
0.6
QGD
Gate-to-Drain Charge
0.35
0.6
QG(TH)
Gate Charge at Threshold
0.4
QOSS
Output Charge
VDS = 100 V, VDS = 0 V
18
23
QRR
Source-Drain Recovery Charge
0
All measurements were done with substrate connected to source.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com