Electronic Components Datasheet Search
  English  ▼

X  

EPC2019 Datasheet(PDF) 6 Page - Espros Photonics corp

Part # EPC2019
Description  Enhancement Mode Power Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC2019 Datasheet(HTML) 6 Page - Espros Photonics corp

  EPC2019 Datasheet HTML 1Page - Espros Photonics corp EPC2019 Datasheet HTML 2Page - Espros Photonics corp EPC2019 Datasheet HTML 3Page - Espros Photonics corp EPC2019 Datasheet HTML 4Page - Espros Photonics corp EPC2019 Datasheet HTML 5Page - Espros Photonics corp EPC2019 Datasheet HTML 6Page - Espros Photonics corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
eGaN® FET DATASHEET
EPC2019
EPC – THE LEADER IN GaN TECHNOLOGY | WWW.EPC-CO.COM | COPYRIGHT 2019 |
| 6
DIE OUTLINE
Solder Bar View
Side View
1
2
6
7
4
3
5
A
e
g
g
X2
X4
f
X3
Seating plane
DIM
MIN
Nominal
MAX
A
2736
2766
2796
B
920
950
980
c
697
700
703
d
247
250
253
e
168
183
198
f
245
250
255
g
600
600
600
h
450
450
450
i
235
250
265
MICROMETERS
Pad no.1 is Gate;
Pad no. 3, 5 are Drain;
Pad no. 2, 4, 6 are Source;
Pad no. 7 is Substrate.*
*Substrate pin should be connected to Source
Pad no. 1 is Gate
Pad no. 3, 5 are Drain
Pad no. 2, 4, 6 are Source
Pad no. 7 is Substrate*
*Substrate pin should be connected to Source
2
1
7
6
4
3
5
230
X3
230
X4
2766
600
X2
600
X4
The land pattern is solder mask defined.
Copper is larger than the solder mask opening.
Solder mask is 10 µm smaller per side than bump.
RECOMMENDED
LAND PATTERN
(measurements in µm)
Efficient Power Conversion Corporation (EPC) reserves the right to make changes without further notice to any products herein to
improve reliability, function or design. EPC does not assume any liability arising out of the application or use of any product or circuit
described herein; neither does it convey any license under its patent rights, nor the rights of others.
eGaN® is a registered trademark of Efficient Power Conversion Corporation.
EPC Patent Listing: epc-co.com/epc/AboutEPC/Patents.aspx
RECOMMENDED
STENCIL DRAWING
(units in µm)
Recommended stencil should be 4 mil (100 μm)
thick, must be laser cut , opening per drawing.
The corner has a radius of R60.
Intended for use with SAC305 Type 3 solder,
reference 88.5% metals content
Additional assembly resources available at
https://epc-co.com/epc/DesignSupport/
AssemblyBasics.aspx
230
X3
230
X4
2766
600
X2
600
X4
2
1
7
6
4
3
5
Information subject to
change without notice.
Revised August, 2019



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com