Electronic Components Datasheet Search
  English  ▼

X  

SAM2695 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # SAM2695
Description  LOW POWER SINGLE CHIP SYNTHESIZER WITH EFFECTS AND BUILT-IN CODEC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SAM2695 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button SAM2695 Datasheet HTML 9Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 10Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 11Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 12Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 13Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 14Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 15Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 16Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
13
SAM2695
SAM2695 USER’S MANUAL
1- PARALLEL AND SERIAL MIDI MODES
The SAM2695 can be controlled both from the parallel interface (D0-D7, CS/, WR/, RD/, INT)
or from the serial MIDI interface (MIDI IN).
The parallel Interface consists of two byte registers and one IRQ (interrupt request) line:
I/O address
Write from host
Read to host
A0 = 0
DATA8
DATA8
A0 = 1
CONTROL
STATUS
Status Register
TE RF X
X
X
X
X
X
TE
: Transmit empty.
If 0, data from SAM2695 to host is pending and IRQ is high.
When host is reading the data in DATA8 register (A0 = 0), TE goes to1 and IRQ is low
again.
RF
: Receiver full.
If 0 then SAM2695 is ready to accept CONTROL or DATA from host. However,
minimum time between two consecutive writes must be 3.5 µs (even if RF is not set).
1-1- SERIAL & PARALLEL MODES
Serial mode:
After power-up, hardware reset or parallel reset control, the SAM2695 is in serial mode:
In this mode, the parallel MIDI interface is inactive and the IRQ line is floating. The serial
MIDI IN is connected to the synthesis.
In serial mode, the 8-bit parallel interface accepts two controls:
 3Fh to switch to parallel mode
SAM2695 is acknowledging 3Fh control by sending to host FEh in DATA8 register.
 BEh to send any control (see list of control message in chapter 2-2).
BEh allows to send only one control, which means that each control sent in serial mode
should start with BEh control.
Parallel mode:
In parallel mode, all data received by SAM2695 on its serial MIDI IN pin is sent to host
through the 8-bit register DATA8 but is not sent to synthesis.
Midi Data received by SAM2695 from host through register DATA8 is sent to the synthesis.
Parallel mode accepts following controls:
 FFh (parallel mode reset) switch back to serial mode.
 Additional controls listed in paragraph 2.2.
These additional controls, being independent of the MIDI data flow, allow to easily insert
some special messages (for controlling some SAM2695 effect modules), in the middle of
a MIDI data flow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com