Electronic Components Datasheet Search
  English  ▼

X  

SAM2695 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SAM2695
Description  LOW POWER SINGLE CHIP SYNTHESIZER WITH EFFECTS AND BUILT-IN CODEC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SAM2695 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SAM2695 Datasheet HTML 1Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 2Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 3Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 4Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 5Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 6Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 7Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 8Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
3
SAM2695
Miscellaneous group
Pin name
Pin #
Type
Description
RST/PD/
38
IN-5VT
Master reset and Power down. Schmitt trigger input.
RST/PD/ should be held low during at least 10ms after power is
applied.
On the rising edge of RST/PD/ the chip enters its initialization
routine.
When RST/PD/ is low, Power-down is active: 8-bit port data
lines are High-Z. IRQ is set to 0. The PLL is stopped and supply
voltage is removed from analog and digital core. To exit from
power down, RST/PD/ must be set to VD33.
X1-X2
39, 40
-
9.6 MHz or 12 MHz crystal connection. An external clock can
also be used on X1.
XDIV
47
IN
System clock divider.
-
When grounded, it allows using 9.6MHz crystal
-
When connected to VD33, it allows using 12MHz crystal
OUTVC12
34
PWR
3.3V to 1.2 V regulator output. The built-in regulator gives 1.2V
for internal use only (core supply).
4.7µF or 10µF Decoupling capacitor must be connected
between OUTVC12 and GND.
TEST
37
IN
Test pin with a built-in pull-down. It should be grounded or left
open for normal operation.
NC
17, 19, 21-23;
43, 44
-
Not connected pins.
1-2- PINOUT BY PIN # - 48-lead QFN Package
Pin#
Signal Name
Pin#
Signal Name
Pin#
Signal Name
Pin#
Signal Name
1
AOUTL
13
GND
25
GND
37
TEST
2
AOUTR
14
CS/
26
D1
38
RST/PD/
3
VCMHPOUT
15
RD/
27
D2
39
X1
4
AGND
16
MIDI_IN
28
D3
40
X2
5
VCM
17
NC
29
D4
41
VD33
6
VA33
18
GND
30
D5
42
IRQ
7
MICIN
19
NC
31
VD33
43
NC
8
VD33
20
VD33
32
D6
44
NC
9
GND
21
NC
33
D7
45
GND
10
A0
22
NC
34
OUTVC12
46
VD33
11
VD33
23
NC
35
VD33
47
XDIV
12
WR/
24
D0
36
GND
48
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com