Electronic Components Datasheet Search
  English  ▼

X  

SAM2695 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SAM2695
Description  LOW POWER SINGLE CHIP SYNTHESIZER WITH EFFECTS AND BUILT-IN CODEC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SAM2695 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SAM2695 Datasheet HTML 2Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 3Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 4Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 5Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 6Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 7Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 8Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 9Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
6
SAM2695
2- ABSOLUTE MAXIMUM RATINGS (All voltages with respect to 0V, GND=0V)*
Parameter
Symbol
Min
Typ
Max
Unit
Temperature under bias
-
-55
-
+125
°C
Storage temperature
-
-65
-
+150
°C
Voltage on any 5 volt tolerant pin (5VT)
-
-0.3
-
5.5
V
Voltage on any non-5 volt tolerant pin
-
-0.3
-
VD33+0.3
V
Supply voltage (I/O)
VD33
-0.3
-
3.6
V
Supply voltage (CODEC analog 3.3V)
VA33
-0.3
-
3.6
V
*NOTICE: Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only and functional operation of the device at these or any other conditions
beyond those indicated in the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
3- RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Typ
Max
Unit
Digital supply voltage
VD33
2.7
3.3
3.6
V
Analog supply voltage (CODEC)
VA33
2.7
3.3
3.6
V
Operating ambient temperature
tA
-25
-
+70
°C
4- D.C. CHARACTERISTICS (TA=25°C, VD33=3.3V, X1=12 MHz, AOUTL/AOUTR load = 47kΩ)
Parameter
Symbol
Min
Typ
Max
Unit
Low level input voltage
VIL
-
-
0.8
V
High level input voltage on 5VT pins
VIH
2
-
-
V
High level input voltage on non 5VT pins
VIH
2
-
-
V
Low level output voltage at IOL = IOHL Min
VOL
-
-
0.4
V
High level output voltage at IOH = IOHL Min
VOH
2.4
-
-
V
Schmitt-trigger negative-to-threshold voltage
VTN
0.8
1.1
-
V
Schmitt-trigger positive-to-threshold voltage
VTP
-
1.6
2
V
Driving capability at VOL, VOH for DR4 pins
IOHL
-
-
4
mA
Driving capability at VOL, VOH for DR8 pins
IOHL
-
8
mA
Input leakage current
IIN
-10
±1
10
µA
OUTVC12 output voltage
VD12
1.14
1.2
1.26
V
Digital power supply current
ID33
-
10
-
mA
Analog power supply current
IA33
-
8
-
mA
Power down supply current
-
-
17
-
µA
Pull-up, Pull-down or Keeper resistor
Rudk
30
75
190
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com