Electronic Components Datasheet Search
  English  ▼

X  

SAM2695 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SAM2695
Description  LOW POWER SINGLE CHIP SYNTHESIZER WITH EFFECTS AND BUILT-IN CODEC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SAM2695 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SAM2695 Datasheet HTML 3Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 4Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 5Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 6Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 7Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 8Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 9Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 10Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
7
SAM2695
5- DAC. CHARACTERISTICS
(TA=25°C, VA33=3.3V)
Parameter
Symbol
Min
Typ
Max
Unit
Total Harmonic Distortion + Noise
(at - 6 dB)
THD + N
-
-75
-
dB
Dynamic Range (-60dBFS with A-Weighted)
DR
-
86
-
dB
Inter-channel isolation (1kHz)
-
89
-
-
dB
Full-scale output voltage
-
-
0.85*VA33
-
Vpp
VCM Maximum allowable DC current source
-
-
-
0.1
mA
VCM Reference voltage
(with 10µF and 100nF capacitors)
-
VA33 ÷ 2
– 50mV
VA33 ÷ 2
VA33 ÷ 2
+ 50mV
V
Output Gain Control
- 1dB steps
- Additional setting 1
- Additional setting 2
-
-40
-43.5
-58.5
+6
dB
dB
dB
Maximum output power in Headphones mode
-
30
mW
6- ADC. CHARACTERISTICS
(TA=25°C, VA33 = 3.3V)
Parameter
Symbol
Min
Typ
Max
Unit
Total Harmonic Distortion + Noise
(at - 6 dB)
THD + N
-
- 75
-70
dB
Dynamic Range (-60dBFS with A-Weighted)
DR
-
86
dB
Full-scale input voltage
-
0.6*VA33
Vpp
Input Gain without boost
-
+4
dB
Input Gain with boost
-
+22
+24
dB
Input Programmable Gain Amplifier (1dB steps)
-
-27
+36
dB
Frequency response ( -3dB bandwidth)
-
0.41
Fs
MICIN input resistance with boost disabled
-
35
kOhm
MICIN input resistance with boost enabled
-
3.5
kOhm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com