Electronic Components Datasheet Search
  English  ▼

X  

SAM2695 Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # SAM2695
Description  LOW POWER SINGLE CHIP SYNTHESIZER WITH EFFECTS AND BUILT-IN CODEC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SAM2695 Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button SAM2695 Datasheet HTML 33Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 34Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 35Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 36Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 37Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 38Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 39Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 40Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
37
SAM2695
CODEC CONTROL BIT DESCRIPTION
OUTG[5:0]:
Audio output gain control. Adjust the DAC amplifier output in logarithmical steps from 6dB to -40dB
in steps of 1dB. Two additional gains, -43,5dB and -58,5dB are also available. Default value is 0dB.
OUTG5
OUTG4
OUTG3
OUTG2
OUTG1
OUTG0
Output Gain,
1
1
1
1
1
1
+6 dB
1
1
1
1
1
0
+5 dB
1
1
1
1
0
1
+4 dB
1
1
1
1
0
0
+3 dB
1
1
1
0
1
1
+2 dB
1
1
1
0
1
0
+1 dB
1
1
1
0
0
1
+0 dB
1
1
1
0
0
0
-1 dB
1
1
0
1
1
1
-2 dB
1
1
0
1
1
0
-3 dB
1
1
0
1
0
1
-4 dB
1
1
0
1
0
0
-5 dB
1
1
0
0
1
1
-6 dB
1
1
0
0
1
0
-7 dB
1
1
0
0
0
1
-8 dB
1
1
0
0
0
0
-9 dB
…..
…..
…..
…..
…..
…..
…..
0
1
0
0
1
1
-38 dB
0
1
0
0
1
0
-39 dB
0
1
0
0
0
1
-40 dB
0
1
0
0
0
0
-43.5 dB
0
0
x
x
x
x
-58.5 dB
DACSEL:
Active DAC output audio path.
-
0: DAC output signal not routed to audio output. Audio output muted
-
1: DAC output signal routed to audio output (default)
DACMUTE:
DAC system mute control
-
0: Disable DAC digital mute (default)
-
1: Enable DAC digital mute
Note:
When using DACMUTE bit, be sure gain OUTG[5:0] <= 039h (output gain <= 0dB)
Using DACMUTE bit when OUTG[5:0] > 039h (output gain > 0dB) can generate big pop noise when DACMUTE
bit going from 1 to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com