Electronic Components Datasheet Search
  English  ▼

X  

SAM5808B Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # SAM5808B
Description  AUDIO & MUSIC MULTI-DSP PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SAM5808B Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button SAM5808B Datasheet HTML 8Page - List of Unclassifed Manufacturers SAM5808B Datasheet HTML 9Page - List of Unclassifed Manufacturers SAM5808B Datasheet HTML 10Page - List of Unclassifed Manufacturers SAM5808B Datasheet HTML 11Page - List of Unclassifed Manufacturers SAM5808B Datasheet HTML 12Page - List of Unclassifed Manufacturers SAM5808B Datasheet HTML 13Page - List of Unclassifed Manufacturers SAM5808B Datasheet HTML 14Page - List of Unclassifed Manufacturers SAM5808B Datasheet HTML 15Page - List of Unclassifed Manufacturers SAM5808B Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 83 page
background image
SAM5808B
SAM5808B.pdf
– Rev 14/05/2018
12
© 2015-2018 Dream S.A.S., France
4. SAM5808B PINOUT
4.1.
Memory Config
The SAM5808B can be used in 4 different hardware configurations called Memory Config. This
flexible architecture allows selecting the appropriate memory interfaces for each application.
Memory Config can be defined in two ways:
1. Sensed at start-up: Memory Config is defined by the level on MC0 and MC1 pins sensed at
start-up. MC0 sensed on CKOUT and MC1 sensed on SPICK.
2. Read from Efuse MC bits: Memory Config is preprogrammed in embedded eFuse. In this case
MC0-MC1 pins will not be sensed.
4.1.1. Memory Config Table
MC1
MC0
Memory Config
Description
0
0
1
SDRAM + NOR Flash
0
1
2
SRAM + NOR Flash
1
0
3
SDRAM + NAND 8-bit Flash
1
1
4
SRAM + NAND 8-bit Flash



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com