Electronic Components Datasheet Search
  English  ▼

X  

SAM5808B Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # SAM5808B
Description  AUDIO & MUSIC MULTI-DSP PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SAM5808B Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button SAM5808B Datasheet HTML 17Page - List of Unclassifed Manufacturers SAM5808B Datasheet HTML 18Page - List of Unclassifed Manufacturers SAM5808B Datasheet HTML 19Page - List of Unclassifed Manufacturers SAM5808B Datasheet HTML 20Page - List of Unclassifed Manufacturers SAM5808B Datasheet HTML 21Page - List of Unclassifed Manufacturers SAM5808B Datasheet HTML 22Page - List of Unclassifed Manufacturers SAM5808B Datasheet HTML 23Page - List of Unclassifed Manufacturers SAM5808B Datasheet HTML 24Page - List of Unclassifed Manufacturers SAM5808B Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 83 page
background image
SAM5808B
SAM5808B.pdf
– Rev 14/05/2018
21
© 2015-2018 Dream S.A.S., France
4.3.4. Ethernet as primary function
Pin name
Pin#
Type
Mem
Cfg
Description
REF_CLK
96
Out DR12
1-4
25MHz RMII reference clock to the Ethernet PHY.
SPICS1/
96
Out DR12
1-4
Chip select 1 for Multi-purpose Quad SPI interface.
P8.0
96
I/O (PU)
DR12
1-4
General purpose I/O pin.
ETH_RES/
117
Out DR4
1-4
Reset output to the Ethernet PHY
XWSBD1
117
In
1-4
External
word
select
clock
for
digital
audio
inputs
DAAD[7:0].
P8.1
117
I/O DR4
1-4
General purpose I/O pin.
RX_ER
116
In
1-4
RMII Receive Error from the Ethernet PHY.
XCLBD1
116
In
1-4
External clock bit for digital audio inputs DAAD[7:0].
P8.2_IntB
116
I/O DR4
1-4
General purpose I/O pin.
External Interrupt source IntB.
RXD0
164
In
1-4
RMII Receive Data 0 from the Ethernet PHY.
DAAD6
164
In
1-4
Stereo audio digital input 6, I2S or MSB format. Can
operate on CLBD master rate or XCLBD external rate.
P8.3
164
I/O DR4
1-4
General purpose I/O pin.
RXD1
165
In
1-4
RMII Receive Data 1 from the Ethernet PHY.
DAAD7
165
In
1-4
Stereo audio digital input 7, I2S or MSB format. Can
operate on CLBD master rate or XCLBD external rate.
P8.4
165
I/O DR4
1-4
General purpose I/O pin.
CRS_DV
167
In
1-4
RMII Carrier Sense/Receive Data Valid from the Ethernet
PHY
DABD6
167
Out DR4
1-4
Stereo audio digital output 6, I2S or MSB format.
P8.5
167
I/O DR4
1-4
General purpose I/O pin.
TXD0
161
Out DR4
1-4
RMII Transmit Data 0 to the Ethernet PHY.
DABD7
161
Out DR4
1-4
Stereo audio digital output 7, I2S or MSB format.
P8.6
161
I/O DR4
1-4
General purpose I/O pin.
TXD1
163
Out DR4
1-4
RMII Transmit Data 1 to the Ethernet PHY.
SPICS2/
163
Out DR4
1-4
Chip select 2 for Multi-purpose Quad SPI interface.
P8.7
163
I/O (PU)
DR4
1-4
General purpose I/O pin.
TX_EN
166
Out DR4
1-4
RMII Transmit Enable to the Ethernet PHY.
SPICS3/
166
Out DR4
1-4
Chip select 3 for Multi-purpose Quad SPI interface.
P8.8
166
I/O (PU)
DR4
1-4
General purpose I/O pin.
MDC
35
Out MEM
1-4
Management Interface (MII) Clock to the Ethernet PHY.
XWSBD0
35
In MEM
1-4
- External word select clock 0 for digital audio inputs
DAAD[7:0].
- Word Clock input for audio sync. on external clock device.
P8.9
35
I/O MEM
1-4
General purpose I/O pin.
MDIO
36
I/O MEM
1-4
Management Interface (MII) Data I/O to the Ethernet PHY.
XCLBD0
36
In MEM
1-4
External clock bit for digital audio inputs DAAD[7:0].
P8.10
36
I/O MEM
1-4
General purpose I/O pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com